Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CSNFP Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # R5F2136CSNFP
Description  RENESAS MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CSNFP Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button R5F2136CSNFP Datasheet HTML 27Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 28Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 29Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 30Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 31Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 32Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 33Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 34Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
R8C/36T-A Group
3. Address Space
R01DS0055EJ0100 Rev.1.00
Page 31 of 58
Dec 09, 2011
X: Undefined
Note:
1. The blank areas are reserved. No access is allowed.
Table 3.16
SFR Information (16) (1)
Address
Symbol
Register Name
After Reset
Remarks
06CD0h
DTCCR18
DTC Control Register 18
XXh
06CD1h
DTBLS18
DTC Block Size Register 18
XXh
06CD2h
DTCCT18
DTC Transfer Count Register 18
XXh
06CD3h
DTRLD18
DTC Transfer Count Reload Register 18
XXh
06CD4h
DTSAR18
DTC Source Address Register 18
XXXXh
06CD5h
06CD6h
DTDAR18
DTC Destination Address Register 18
XXXXh
06CD7h
06CD8h
DTCCR19
DTC Control Register 19
XXh
06CD9h
DTBLS19
DTC Block Size Register 19
XXh
06CDAh
DTCCT19
DTC Transfer Count Register 19
XXh
06CDBh
DTRLD19
DTC Transfer Count Reload Register 19
XXh
06CDCh
DTSAR19
DTC Source Address Register 19
XXXXh
06CDDh
06CDEh
DTDAR19
DTC Destination Address Register 19
XXXXh
06CDFh
06CE0h
DTCCR20
DTC Control Register 20
XXh
06CE1h
DTBLS20
DTC Block Size Register 20
XXh
06CE2h
DTCCT20
DTC Transfer Count Register 20
XXh
06CE3h
DTRLD20
DTC Transfer Count Reload Register 20
XXh
06CE4h
DTSAR20
DTC Source Address Register 20
XXXXh
06CE5h
06CE6h
DTDAR20
DTC Destination Address Register 20
XXXXh
06CE7h
06CE8h
DTCCR21
DTC Control Register 21
XXh
06CE9h
DTBLS21
DTC Block Size Register 21
XXh
06CEAh
DTCCT21
DTC Transfer Count Register 21
XXh
06CEBh
DTRLD21
DTC Transfer Count Reload Register 21
XXh
06CECh
DTSAR21
DTC Source Address Register 21
XXXXh
06CEDh
06CEEh
DTDAR21
DTC Destination Address Register 21
XXXXh
06CEFh
06CF0h
DTCCR22
DTC Control Register 22
XXh
06CF1h
DTBLS22
DTC Block Size Register 22
XXh
06CF2h
DTCCT22
DTC Transfer Count Register 22
XXh
06CF3h
DTRLD22
DTC Transfer Count Reload Register 22
XXh
06CF4h
DTSAR22
DTC Source Address Register 22
XXXXh
06CF5h
06CF6h
DTDAR22
DTC Destination Address Register 22
XXXXh
06CF7h
06CF8h
DTCCR23
DTC Control Register 23
XXh
06CF9h
DTBLS23
DTC Block Size Register 23
XXh
06CFAh
DTCCT23
DTC Transfer Count Register 23
XXh
06CFBh
DTRLD23
DTC Transfer Count Reload Register 23
XXh
06CFCh
DTSAR23
DTC Source Address Register 23
XXXXh
06CFDh
06CFEh
DTDAR23
DTC Destination Address Register 23
XXXXh
06CFFh
06D00h
to
06FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com