Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CSNFP Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # R5F2136CSNFP
Description  RENESAS MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CSNFP Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button R5F2136CSNFP Datasheet HTML 13Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 14Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 15Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 16Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 17Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 18Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 19Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 20Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
R8C/36T-A Group
3. Address Space
R01DS0055EJ0100 Rev.1.00
Page 17 of 58
Dec 09, 2011
Note:
1. The blank areas are reserved. No access is allowed.
Table 3.2
SFR Information (2) (1)
Address
Symbol
Register Name
After Reset
Remarks
0003Ah
VW2C
Voltage Monitor 2 Circuit Control Register
10001010b
0003Bh
0003Ch
0003Dh
0003Eh
0003Fh
00040h
00041h
FMRDYIC
Interrupt Control Register
00h
00042h
00043h
00044h
00045h
00046h
INT4IC
Interrupt Control Register
00h
00047h
TRCIC_0
Interrupt Control Register
00h
00048h
00049h
0004Ah
TRE2IC
Interrupt Control Register
00h
0004Bh
U2TIC
Interrupt Control Register
00h
0004Ch
U2RIC
Interrupt Control Register
00h
0004Dh
KUPIC
Interrupt Control Register
00h
0004Eh
ADIC
Interrupt Control Register
00h
0004Fh
SSUIC_0/IICIC_0
Interrupt Control Register
00h
00050h
00051h
U0TIC_0
Interrupt Control Register
00h
00052h
U0RIC_0
Interrupt Control Register
00h
00053h
U0TIC_1
Interrupt Control Register
00h
00054h
U0RIC_1
Interrupt Control Register
00h
00055h
INT2IC
Interrupt Control Register
00h
00056h
TRJIC_0
Interrupt Control Register
00h
00057h
00058h
TRB2IC_0
Interrupt Control Register
00h
00059h
INT1IC
Interrupt Control Register
00h
0005Ah
INT3IC
Interrupt Control Register
00h
0005Bh
0005Ch
0005Dh
INT0IC
Interrupt Control Register
00h
0005Eh
U2BCNIC
Interrupt Control Register
00h
0005Fh
00060h
00061h
00062h
00063h
00064h
00065h
00066h
00067h
00068h
00069h
0006Ah
0006Bh
0006Ch
0006Dh
0006Eh
0006Fh
00070h
00071h
00072h
VCMP1IC
Interrupt Control Register
00h
00073h
VCMP2IC
Interrupt Control Register
00h
00074h
00075h
TSCUIC
Interrupt Control Register
00h
00076h
00077h
00078h
00079h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com