Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CSNFP Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F2136CSNFP
Description  RENESAS MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CSNFP Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F2136CSNFP Datasheet HTML 35Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 36Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 37Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 38Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 39Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 40Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 41Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 42Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
R8C/36T-A Group
4. Electrical Characteristics
R01DS0055EJ0100 Rev.1.00
Page 39 of 58
Dec 09, 2011
Figure 4.2
Time Delay from Suspend Request until Suspend
Notes:
1. The voltage detection level must be selected with bits VDSEL0 and VDSEL1 in the OFS register.
2. Time until the voltage monitor 0 reset is generated after the voltage passes Vdet0.
3. Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA25 bit in the VCA2
register to 0.
Table 4.7
Voltage Detection 0 Circuit Characteristics
(Measurement conditions: Vcc = 1.8 V to 5.5 V, Topr =
20°C to 85°C (N version)/
40°C to 85°C (D version))
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
Vdet0
Voltage detection level Vdet0_0 (1)
When Vcc falls
1.80
1.90
2.05
V
Voltage detection level Vdet0_1 (1)
When Vcc falls
2.15
2.35
2.55
V
Voltage detection level Vdet0_2 (1)
When Vcc falls
2.70
2.85
3.05
V
Voltage detection level Vdet0_3 (1)
When Vcc falls
3.55
3.80
4.05
V
―
Voltage detection 0 circuit response time (2)
At the falling of Vcc from 5 V
to (Vdet0
 0.1) V
―
6
150
μs
―
Voltage detection circuit self power
consumption
VCA25 = 1, Vcc = 5.0 V
―
1.5
―μA
td(E-A)
Waiting time until voltage detection circuit
operation starts (3)
――
100
μs
FST6 bit
Suspend request
(FMR21 bit)
Fixed time
Clock-dependent
time
Access restart
FST6: Bit in FST register
FMR21: Bit in FMR2 register
td(SR-SUS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com