Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF113 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF113
Description  300MHz to 450MHz 10dBm ASK Transmitter in SOT23
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF113 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF113 Datasheet HTML 7Page - Micrel Semiconductor MICRF113 Datasheet HTML 8Page - Micrel Semiconductor MICRF113 Datasheet HTML 9Page - Micrel Semiconductor MICRF113 Datasheet HTML 10Page - Micrel Semiconductor MICRF113 Datasheet HTML 11Page - Micrel Semiconductor MICRF113 Datasheet HTML 12Page - Micrel Semiconductor MICRF113 Datasheet HTML 13Page - Micrel Semiconductor MICRF113 Datasheet HTML 14Page - Micrel Semiconductor MICRF113 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Micrel, Inc.
MICRF113
November 2010
11
M9999-112310
Functional Description
Figure 3 is a functional block diagram of the MICRF113
transmitter. The MICRF113 is best described as a phase
locked transmitter. The MICRF113 system is partitioned
into five functional blocks:
•
Crystal oscillator
•
PLL×32
•
Power amplifier
•
Enable control
•
Undervoltage detection
Crystal Oscillator
The
reference
oscillator
is
crystal-based
Pierce
configuration, designed to accept crystals with frequency
from 9.375MHz to 14.0625MHz.
Crystal Oscillator Parameters for ASK Operation
Figure
4
shows
a
reference
oscillator
circuit
configuration for ASK operation. The reference oscillator
is capable of driving crystals with ESR range from 20Ω
to 300Ω.
When the ESR of crystal is at 20Ω, the crystal parameter
limits are:
•
ESR 20Ω
•
Cpar 2 to 10pF
•
Cmo 10 to 40fF
ESR
XTLOUT
VSS
XTLIN
MICRF113 ASK
CRYSTAL MODEL
CLOAD
CPAR
CMO
CLOAD
Figure 4. Reference Oscillator ASK Operation
When the ESR of crystal is at 300Ω, the crystal
parameter limits are:
•
ESR 300Ω
•
CPAR 2 to 5pF
•
CMO
10 to 40fF
•
CLOAD 10 to 30pF
PLL ×32
The function of PLL×32 is to provide a stable carrier
frequency for transmission. It is a “divide by 32” phase
locked loop oscillator.
Power Amplifier
The power amplifier serves two purposes: 1) to buffer
the VCO from external elements and 2) to amplify the
phase locked signal. The power amplifier can produce
+10dBm at 3V (typical).
Enable Control
Enable control gates the ASK data. It only allows
transmission when Lock, Amplitude and Under Voltage
Detect conditions are valid.
Undervoltage Detect
“Undervoltage detect” block senses operating voltage. If
the operating voltage falls below 1.6V, “undervoltage
detect” block will send a signal to “enable control” block
to disable the PA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com