Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF113 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF113
Description  300MHz to 450MHz 10dBm ASK Transmitter in SOT23
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF113 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF113 Datasheet HTML 1Page - Micrel Semiconductor MICRF113 Datasheet HTML 2Page - Micrel Semiconductor MICRF113 Datasheet HTML 3Page - Micrel Semiconductor MICRF113 Datasheet HTML 4Page - Micrel Semiconductor MICRF113 Datasheet HTML 5Page - Micrel Semiconductor MICRF113 Datasheet HTML 6Page - Micrel Semiconductor MICRF113 Datasheet HTML 7Page - Micrel Semiconductor MICRF113 Datasheet HTML 8Page - Micrel Semiconductor MICRF113 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MICRF113
300MHz to 450MHz
+10dBm
ASK Transmitter in SOT23
QwikRadio is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 2010
M9999-112310
General Description
The MICRF113 is a high-performance, easy-to-use, single-
chip ASK Transmitter IC for remote wireless applications in
the 300MHz to 450MHz frequency band. This transmitter
IC is a true “data-in, antenna-out” monolithic device.
MICRF113 has three strong attributes: power delivery,
operating voltage and operating temperature. In terms of
power, the MICRF113 is capable of delivering +10dBm
into a 50Ω load. This power level enables a small form
factor transmitter (lossy antenna) such as a key fob
transmitter to operate near the maximum limit of
transmission regulations. In terms of operating voltage, the
MICRF113 operates from 1.8V to 3.6V. Many transmitter
ICs in the same frequency band stop operating below
2.0V. The MICRF113 will work with most batteries to the
end of their useful limits. In terms of operating
temperature, the MICRF113 operates from
−40°C to
+85°C.
The MICRF113 is easy to use. It requires a reference
frequency (RF carrier frequency divided by 32 times)
generated from a crystal with a few additional external
parts to create a complete versatile transmitter.
The MICRF113 operates with Amplitude Shift Keying/On-
Off Keyed (ASK/OOK) UHF receiver types from wide-band
super-regenerative
radios
to
narrow-band,
high-
performance
super-heterodyne
receivers.
The
MICRF113’s maximum ASK bit rate is 20kbps (minimum
pulse width of 50µs at ASK pin).
The MICRF113 transmitter solution is ideal for industrial
and consumer applications where simplicity and form
factor are important.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Complete UHF ASK transmitter
• Frequency range 300MHz to 450MHz
• Bit rates up to 20kbps
• Output power up to 10dBm
• Low external part count
• Low voltage operation (down to 1.8V)
• Operate with crystals or ceramic resonators
• 6-pin SOT23
Applications
• Fan Controllers
• Remote Power Switches
• Multimedia Remote Control
• Remote Sensor Data Links
• Infrared Transmitter Replacement
Ordering Information
Part Number
Temperature Range
Package
MICRF113YM6
−40°C to +85°C
SOT23-6


Similar Part No. - MICRF113

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF113 MICREL-MICRF113 Datasheet
655Kb / 20P
QwikRadio짰 ASK Transmitter
MICRF113YM6 MICREL-MICRF113YM6 Datasheet
655Kb / 20P
QwikRadio짰 ASK Transmitter
More results

Similar Description - MICRF113

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1472 MAXIM-MAX1472 Datasheet
210Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 0; 5/03
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX1472 MAXIM-MAX1472_09 Datasheet
223Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
logo
Micrel Semiconductor
MAQRF112 MICREL-MAQRF112 Datasheet
470Kb / 15P
Automotive, 300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
MICRF112 MICREL-MICRF112_13 Datasheet
891Kb / 21P
300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com