Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF113 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF113
Description  300MHz to 450MHz 10dBm ASK Transmitter in SOT23
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF113 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF113 Datasheet HTML 8Page - Micrel Semiconductor MICRF113 Datasheet HTML 9Page - Micrel Semiconductor MICRF113 Datasheet HTML 10Page - Micrel Semiconductor MICRF113 Datasheet HTML 11Page - Micrel Semiconductor MICRF113 Datasheet HTML 12Page - Micrel Semiconductor MICRF113 Datasheet HTML 13Page - Micrel Semiconductor MICRF113 Datasheet HTML 14Page - Micrel Semiconductor MICRF113 Datasheet HTML 15Page - Micrel Semiconductor MICRF113 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Micrel, Inc.
MICRF113
November 2010
12
M9999-112310
Application Information
The MICRF113 is well suited to drive a 50Ω load,
monopole or a loop antenna. Figure 6 is an example of a
loop antenna configuration. Figure 6 also shows both
315MHz and 433.92MHz ASK configurations for a loop
antenna. Besides using a different crystal, Table 1 lists
modified values needed for the listed frequencies.
Frequency
(MHz)
L1
(nH)
C5
(pF)
L4
(nH)
C7
(pF)
Y1 (MHz)
315.0
470
10
150
6.8
9.84375
433.92
820
12
68
4.7
13.5600
Table 1. Modified Values for Listed Frequencies
The reference design shown in Figure 6 has an antenna
optimized for using the matching network as described in
Table 1.
Power Amplitude Control Using External Resistor
R7 is used to adjust the RF amplitude output levels
which may be needed to meet compliance regulation. As
an example, the following tables list typical values of
conducted RF output levels and corresponding R7
resistor values for the 50Ω test board, as shown in
Figure 2. R7 of the TX113-1C Demo board using the
loop antenna can be adjusted for the appropriate
radiated field allowed by FCC or ETSI compliance.
Contact Micrel for suggested R7 values to meet FCC
and ETSI compliances.
50Ω Test Board, VDD = 3.0V
R7 (Ω)
Output Power (dBm)
IDD (mA)
0
10
12.3
75
8.5
11
100
8.0
10.5
500
3.0
7.3
1000
-2.0
5.9
Table 2. Output Power vs. External Resistor @ 315MHz
50Ω Test Board, VDD = 3.0V
R7 (Ω)
Output Power (dBm)
IDD (mA)
0
9.8
12.5
75
8.9
12
100
8.6
11.8
500
2.0
8.9
1000
−3.0
7.3
Table 3. Output Power vs. External Resistor @ 433.92MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com