Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF113 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MICRF113
Description  300MHz to 450MHz 10dBm ASK Transmitter in SOT23
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF113 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MICRF113 Datasheet HTML 12Page - Micrel Semiconductor MICRF113 Datasheet HTML 13Page - Micrel Semiconductor MICRF113 Datasheet HTML 14Page - Micrel Semiconductor MICRF113 Datasheet HTML 15Page - Micrel Semiconductor MICRF113 Datasheet HTML 16Page - Micrel Semiconductor MICRF113 Datasheet HTML 17Page - Micrel Semiconductor MICRF113 Datasheet HTML 18Page - Micrel Semiconductor MICRF113 Datasheet HTML 19Page - Micrel Semiconductor MICRF113 Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Micrel, Inc.
MICRF113
November 2010
16
M9999-112310
Functional Description
Figure 8 shows the TX113-1c Demo Board PCB layout
and assembly (Gerber format). Figure 9 is a detailed
schematic of the TX113-1c. Note that components
labeled as NP (not placed) can be used to obtain
different configurations. Table 4 describes each header
pin connector used in the demo board.
Pin
Function
Name
Functional Description
J1-1
VDD
1.8V to 3.6V input voltage
J1-2
VSS
Ground
J1-3
ASK
Modulating Data Input
J2-1
REF-OSC
External Reference Oscillator Input
J2-2
VSS
Ground
Table 4. Demo Board Pin Names and Descriptions
Notes:
1.
NP = Not Placed
2.
Values in parenthesis apply only to 315MHz option.
3.
R7 is selected to vary output power
Figure 9. TX113-1c Demo Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com