Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF113 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MICRF113
Description  300MHz to 450MHz 10dBm ASK Transmitter in SOT23
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF113 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MICRF113 Datasheet HTML 13Page - Micrel Semiconductor MICRF113 Datasheet HTML 14Page - Micrel Semiconductor MICRF113 Datasheet HTML 15Page - Micrel Semiconductor MICRF113 Datasheet HTML 16Page - Micrel Semiconductor MICRF113 Datasheet HTML 17Page - Micrel Semiconductor MICRF113 Datasheet HTML 18Page - Micrel Semiconductor MICRF113 Datasheet HTML 19Page - Micrel Semiconductor MICRF113 Datasheet HTML 20Page - Micrel Semiconductor MICRF113 Datasheet HTML 21Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Micrel, Inc.
MICRF113
November 2010
18
M9999-112310
Bill of Materials (315MHz)
Item
Part Number
Manufacturer
Description
Qty.
C1
GRM21BR60J106K
Murata
(1)
10µF
±10%, 0805 capacitor
1
C2
GRM1885C1H101J
Murata
(1)
100pF
±5%, 0603 capacitor
1
C5
GRM1885C1H120J
Murata
(1)
10pF
±5%, 0603 capacitor
1
C6, C11, C16
Murata
(1)
(NP)
3
C7
GQM1875C2E4R7C
Murata
(1)
6.8pF
±0.25pF, 0603 capacitor
1
C10
GRM188R61C104K
Murata
(1)
0.1µF
±10%, 0603 capacitor
1
C13, C14
GRM1885C1H180J
Murata
(1)
18pF
±5%, 0603 capacitor
2
J1, J2
TSHR-114-S-02-A-GT
3-pin header
1
L1
0805CS-471XJB
Coilcraft
(2)
470nH
±5%, 0805 wire-wound inductor
1
L4
0603CS-R15XJB
Coilcraft
(2)
150nH
±5%, 0603 wire-wound inductor
1
L5
ANTENNA LOOP (Part of PCB)
PCB ANTENNA
1
R2
CRCW0603100KFKEA
Vishay
(3)
100kΩ
±5%, 0603 resistor
1
R7
CRC06030000Z0EA
Vishay
(3)
0Ω
±5%, 0603 resistor
1
Y1
SA-9.84375-F-10- J-30-30-x
Hosonic
Industrial
Brazil
(4)
9.84375MHZ
±30ppm crystal
1
U1
MICRF113YM6
Micrel, Inc.
(5)
300MHz to 450MHz
+10dBm ASK
Transmitter in SOT23
1
Notes:
1. Murata Tel: www.murata.com
2. Coilcraft.: www.coilcraft.com.
3. Vishay Tel: www.vishay.com.
4. Hosonic Industrial Brazil: www.hib.com.br
5. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com