Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF113 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF113
Description  300MHz to 450MHz 10dBm ASK Transmitter in SOT23
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF113 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF113 Datasheet HTML 1Page - Micrel Semiconductor MICRF113 Datasheet HTML 2Page - Micrel Semiconductor MICRF113 Datasheet HTML 3Page - Micrel Semiconductor MICRF113 Datasheet HTML 4Page - Micrel Semiconductor MICRF113 Datasheet HTML 5Page - Micrel Semiconductor MICRF113 Datasheet HTML 6Page - Micrel Semiconductor MICRF113 Datasheet HTML 7Page - Micrel Semiconductor MICRF113 Datasheet HTML 8Page - Micrel Semiconductor MICRF113 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Micrel, Inc.
MICRF113
November 2010
3
M9999-112310
Absolute Maximum Ratings(1)
Supply Voltage VDD .....................................................+5.0V
Voltage on PAOUT ........................................................+7.2V
Voltage on I/O Pins ............................ VSS – 0.3 to VDD + 0.3
Storage Temperature Range ...................
−65°C to + 150°C
Lead Temperature (soldering, 10s)......................... + 300°C
ESD Rating
(3).................................................................. 2kV
Operating Ratings(2)
Supply Voltage VDD .......................................... 1.8V to 3.6V
Ambient Operating Temperature (TA) ......... –40°C to +85°C
Transmitter Frequency Range ............. 300MHz to 450MHz
Electrical Characteristics(4)
VDD = 3.0V, TA = 25°C, FreqREFOSC = 13.560MHz. Bold values indicate –40°C to 85°C unless otherwise noted. 2kbps bit rate, 50Ω load.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply
@ 315MHz, POUT = +10dBm
12.3
Mark Supply Current IMARK,
VASK = 3.0V
@ 433.92MHz, POUT = +10dBm
12.5
mA
@ 315MHz
2
SPACE Supply Current, ISPACE,
VASK = 0V
@ 433.92 MHz
2
mA
RF Output Section and Modulation Limits
@315MHz
(4)
10
Output Power Level, POUT ASK "mark"
@433.92MHz
(4)
10
dBm
@ 630MHz
(4) 2nd harm.
−39
Harmonics Output for 315MHz
@945MHz
(4) 3rd harm.
−53
dBc
@ 867.84MHz
(4) 2nd harm.
−55
Harmonics Output for 433.92MHz
@1301.76MHz
(4) 3rd harm.
−55
dBc
Extinction Ratio for ASK
70
dBc
ASK Modulation
Encoded Bit Rate
20
kbps
@315MHz
(6)
<700
Occupied Bandwidth
@433.92MHz
(6)
<1000
kHz
VCO Section
@ 100kHz from Carrier
−76
315MHz Single-Side Band Phase Noise
@ 1000kHz from Carrier
−79
dBc/Hz
@ 100kHz from Carrier
−72
433.92MHz Single-Side Band Phase Noise
@ 1000kHz from Carrier
−81
dBc/Hz
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4.
Measured using Test Circuit in Figure 2.
5.
Dependent on crystal
6.
RBW = 100kHz, OBW measured at
−20dBc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com