Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-10-RFX Datasheet(PDF) 28 Page - Amphenol Corporation

Part # 31-10-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-10-RFX Datasheet(HTML) 28 Page - Amphenol Corporation

Back Button 31-10-RFX Datasheet HTML 22Page - Amphenol Corporation 31-10-RFX Datasheet HTML 23Page - Amphenol Corporation 31-10-RFX Datasheet HTML 24Page - Amphenol Corporation 31-10-RFX Datasheet HTML 25Page - Amphenol Corporation 31-10-RFX Datasheet HTML 26Page - Amphenol Corporation 31-10-RFX Datasheet HTML 27Page - Amphenol Corporation 31-10-RFX Datasheet HTML 28Page - Amphenol Corporation 31-10-RFX Datasheet HTML 29Page - Amphenol Corporation 31-10-RFX Datasheet HTML 30Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
BNC 75 ohm
Amphenol
®
High Performance Beryllium Copper Outer Contacts
132
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Fig. 1
Fig. 2
Fig.3
Bulkhead Jack
31-70102-T
Plug
31-70228-1001
Plug
31-70227-1001
Fig. 4
Plug
31-70229-1001
Dimensions, inches (millimeters)
Notes
Mtg.
UG
75
Ω
Amphenol
Fig.
Description
Cable
a
b
c
Plt. Ins.
Hole
No.
Number
Bulkhead Jack
Rockwell 425-1129-000
1.417
.687
.128
P7
CA
—
—
T1
31-70102-T
1
Plug
734A
1.20
.563
.226
P7
CA
—
—
T1
31-70228-1001
2
Plug
L910
1.20
.563
.106
P7
CA
—
—
T1
31-70227-1001
3
Plug
735A
1.20
.563
.141
P7
CA
—
—
T1
31-70229-1001
4
HIGH PERFORMANCE
c•
a
a
a
a
c•
c•
c•
b
b
b
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com