Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-10-RFX Datasheet(PDF) 29 Page - Amphenol Corporation

Part # 31-10-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-10-RFX Datasheet(HTML) 29 Page - Amphenol Corporation

Back Button 31-10-RFX Datasheet HTML 22Page - Amphenol Corporation 31-10-RFX Datasheet HTML 23Page - Amphenol Corporation 31-10-RFX Datasheet HTML 24Page - Amphenol Corporation 31-10-RFX Datasheet HTML 25Page - Amphenol Corporation 31-10-RFX Datasheet HTML 26Page - Amphenol Corporation 31-10-RFX Datasheet HTML 27Page - Amphenol Corporation 31-10-RFX Datasheet HTML 28Page - Amphenol Corporation 31-10-RFX Datasheet HTML 29Page - Amphenol Corporation 31-10-RFX Datasheet HTML 30Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
BNC 75 ohm
Amphenol
®
Adapters
133
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
b
a
b
a
d
b
a
b
d
Fig. 1
Fig. 2
Fig.3
75
Ω BNC Adapter (J/J)
31-219-75
31-70019
75
Ω BNC Adapter (P/P)
31-218-75RFX
75
Ω BNC Adapter (P/J)
31-9-75
31-9-75-RFX
Fig. 4
75
Ω BNC Tee Adapter (J/P/J)
31-70036
Description
Dimensions, inches (millimeters)
Notes
Mtg.
UG
75
Amphenol
Fig.
a
b
d
Plt.
Ins.
Hole
No.
Type
Number
Straight
Jack-Jack
1.28(32.5)
.434(11.0)
P15
D1
T2
31-219-75
1
Straight
Jack-Jack
1.40(35.6)
.434(11.0)
P17
D1
T1
31-70019
1
Straight
Plug-Plug
1.33(33.7)
.571(14.5)
P15
D1
T2
31-218-75RFX
2
Angle
Jack-Plug
1.02(25.9)
.562(14.3)
.405(10.3)
P15
D9
T2
31-9-75
3
Tee
Jack-Plug-Jack
1.28(32.5)
.562(14.3)
1.04(26.3)
P15
D1
T1
31-70036
4
75
Ω BNC ADAPTERS
v distributor stocked
v
v
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com