Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-10-RFX Datasheet(PDF) 7 Page - Amphenol Corporation

Part # 31-10-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-10-RFX Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button 31-10-RFX Datasheet HTML 3Page - Amphenol Corporation 31-10-RFX Datasheet HTML 4Page - Amphenol Corporation 31-10-RFX Datasheet HTML 5Page - Amphenol Corporation 31-10-RFX Datasheet HTML 6Page - Amphenol Corporation 31-10-RFX Datasheet HTML 7Page - Amphenol Corporation 31-10-RFX Datasheet HTML 8Page - Amphenol Corporation 31-10-RFX Datasheet HTML 9Page - Amphenol Corporation 31-10-RFX Datasheet HTML 10Page - Amphenol Corporation 31-10-RFX Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
BNC 50 ohm
Amphenol
®
Angle Cable Plugs
111
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Fig. 1
Fig. 3
Fig. 4
Fig. 2
s includes outer ferrule
• accommodates cable diameter
* recognized under the component program of U.L., Inc.
v distributor stocked
BNC ANGLE CABLE PLUGS
Cable
Cable Attachment
Dimensions, inches (millimeters)
Notes
Military
Amphenol
Fig.
RG-/U
Outer
Inner
a
b
c •
d
CAI
Plt. Ins.
Number
Number
55, 58, 141, 142, 223, 400
Clamp
Solder
1.68(42.7)s
.562(14.3)
.214(5.5)
1.09(27.8)
C25
P1
D1
UG-913/U
31-204*
2
55, 142, 223, 400
Crimp
Crimp
1.59(30.2)s
.562(14.3)
.220(5.6)
1.19(40.5)
C26a P15 D1
—
31-334*
1
58, 141
Crimp
Crimp
1.59(40.5)s
.562(14.3)
.206(5.2)
1.19(30.2)
C26a P15 D1
—
31-335*
1
Crimp
Crimp
1.66(42.2)s
.571(14.5)
.210(5.3)
1.07(27.2)
C26a P7
D23
—
31-335-RFX
1
58, 141, 142, 400
Clamp
Solder
1.00(25.4)s
.562(14.3)
.212(5.4)
1.25(31.8)
C25
P1
D1
(Cubic Body)
8525*
3
59, 62, 71, 140, 210
Clamp
Solder
1.00(25.4)
.562(14.3)
.259(6.6)
1.25(31.8)
C25
P1
D1
—
8575*
3
Clamp
Solder
1.25(31.6)
.562(14.3)
.259(6.6)
1.03(26.2)
C25
P1
D6
—
31-850*
3
59, 62, 140, 210
Crimp
Crimp
1.59(40.5)s
.562(14.3)
.259(6.6)
1.19(30.2)
C26a P15 D1
—
31-336
1
Crimp
Crimp
1.66(42.2)s
.571(14.5)
.260(6.6)
1.07(27.2)
C26a P7
D23
—
31-336-RFX
1
174, 179, 187, 188
Clamp
Solder
1.25(31.6)
.562(14.3)
.115(2.9)
1.00(25.4)
C25
P1
D1
(Cubic Body)
33275*
3
174, 188, 316
Crimp
Crimp
1.19(30.2)s
.562(14.3)
.115(2.9)
1.59(40.5)
C26a P15 D1
—
31-316*
1
58, 141
Crimp
Solder
.862(21.9)
.571(14.5)
.214(5.5)
1.07(27.2)
C26a P7
D23 (Cubic Body)
31-5911-RFX
4
59
Crimp
Solder
.862(21.9)
.571(14.5)
.259(6.6)
1.07(27.2)
C26a P7
D23 (Cubic Body)
31-5914-RFX
4
316
Crimp
Solder
.862(21.9)
.571(14.5)
.115(2.9)
1.09(27.8)
C26a P7
D23 (Cubic Body)
31-5991-RFX
4
316 Die Cast
Crimp
Solder
.862(21.9)
.571(14.5)
.115(2.9)
1.07(27.2)
C26a P7
D23 (Cubic Body)
31-316-RFX
1
BNC Crimp Angle Plugs
31-316, 31-316-RFX
31-335, 31-335-RFX
31-336, 31-336-RFX
31-334
BNC Clamp Angle Plug
31-204
BNC Clamp Angle Plugs
8525
8575
33275
31-850
BNC Crimp-Crimp Cube
31-5911-RFX
31-5914-RFX
31-5991-RFX
v
v
v
v
cubic body
a s
d
c•
miter body
b
a
d
c•
b
a
d
c•
b
a
d
c•
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com