Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-10-RFX Datasheet(PDF) 11 Page - Amphenol Corporation

Part # 31-10-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-10-RFX Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button 31-10-RFX Datasheet HTML 7Page - Amphenol Corporation 31-10-RFX Datasheet HTML 8Page - Amphenol Corporation 31-10-RFX Datasheet HTML 9Page - Amphenol Corporation 31-10-RFX Datasheet HTML 10Page - Amphenol Corporation 31-10-RFX Datasheet HTML 11Page - Amphenol Corporation 31-10-RFX Datasheet HTML 12Page - Amphenol Corporation 31-10-RFX Datasheet HTML 13Page - Amphenol Corporation 31-10-RFX Datasheet HTML 14Page - Amphenol Corporation 31-10-RFX Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
BNC 50 ohm
Amphenol
®
Bulkhead Receptacles
115
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Fig. 1
Fig. 2
Fig. 4
Description
Terminal
Dimensions, inches (mm)
Notes
Mtg.
Military
Amphenol
Fig.
Type
a
b
d
e
Plt.
Ins. Hole
Number
Number
Front Mount, Isolated from Panel
Solder Cup
1.19(30.2)
.500(12.7)
.471(12.0)
.187(4.8)
P1
D22
Z
—
31-10*
1
Solder Cup
1.18(30.0)
.500(12.7)
.471(12.0)
.125(3.2)
P1
D22
Z
—
31-10-RFX
1
Front Mount
Solder Cup
1.18(30.0)
.500(12.7)
.471(12.0)
.187(4.8)
P7
D22
Z
—
31-10-RFXG1 1
1.06(27.0)
.500(12.7)
.484(12.3)
.125(3.2)
P1
D1
U
UG-1094/U
31-221*†
2
1.06(27.0)
.500(12.7)
.472(12.0)
.125(3.2)
P7
D23
U
—
31-221-RFX
2
Front Mount
Solder Cup
1.06(27.0)
.500(12.7)
.469(11.9)
.156(4.0)
P1
D1
T
UG-625B/U
31-236*
2
1.19(30.2)
.500(12.7)
.481(12.3)
.250(6.4)
P1
D1
U
UG-1094A/U
31-2221
2
Front Mount, Gold Plated Contact
Solder Cup
1.19(30.2)
.500(12.7)
.484(12.3)
.250(6.4)
P34
D1
U
M39012/21-0002
31-3376*
2
Front Mount, Pressurized
Solder Cup
1.30(32.9)
.578(14.7)
.594(15.1)
.250(6.4)
P1
D9
P
UG-657A/U
31-239*
2
Front Mount, Pressurized
Solder Cup
1.30(32.9)
.578(14.7)
.594(15.1)
.250(6.4)
P1
D9
P
UG-657/U
31-102*
2
Fr. Mount,
Gold Plated Contact
Spade
1.20(30.6)
.594(15.1)
.516(13.1)
.250(6.4)
P33
D1
U
M39012/24-0002
31-4238*
2
Hermetic
External Tooth Lockwasher
Spade
1.20(30.6)
.594(15.1)
.516(13.1)
.250(6.4)
P1
D1/11 U
UG-912/U
31-238*
2
Front Mount
Solder Cup
1.06(27.0)
.500(12.7)
.472(12.0)
.156(4.0)
P1
D1
T
UG-625/U
5575*
2
Rear Mount, Hermetic
Spade
1.34(34.0)
.687(17.4)
.831(21.1)
.250(6.4)
P33
D1/11
Y
M39012/24-0001 31-4237*
3
Front Mount Isolated from Panel
Solder Cup
1.06(27.0)
.625(15.9)
.571(14.5)
.187(4.7)
P4
D1
Y
—
31-4890-1
4
Metal Mounting Threads
BNC BULKHEAD RECEPTACLES
BNC Bulkhead Receptacle Isolated from Panel,
Solder Cup & Ground Tab Front Mount
31-10
31-10-RFX
31-10-RFXG1
5575
31-102
31-221
31-221-RFX
31-236
31-238
31-239
31-2221
31-3376
31-4238
BNC Bulkhead Receptacles
Front Mount
* recognized under the component program of U.L., Inc.
v distributor stocked
† includes grounding lug
v
v
v
v
v
v
v
v
a
d
b
ground tab
.500(12.7) hex nut
lock washer
e
max panel
a
d
e
max panel
b
solder cup
.500(12.7) hex nut
lock washer
.375(9.5)
.342(8.7)
Z
.390(9.9)
.355(9.0)
U
.437(11.1)
.405(10.3)
T
.390(9.9)
.340(8.6)
P
solder cup
BNC Bulkhead Receptacle
Rear Mount
31-4237
BNC Bulkhead Receptacle
Isolated From Panel
Front Mount
31-4890-1
.510(13.0)
.475(12.1)
Y
.510(13.0)
.475(12.1)
Y
a
b
d
b
a
d
e
max panel
Fig. 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com