Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-10-RFX Datasheet(PDF) 9 Page - Amphenol Corporation

Part # 31-10-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-10-RFX Datasheet(HTML) 9 Page - Amphenol Corporation

Back Button 31-10-RFX Datasheet HTML 5Page - Amphenol Corporation 31-10-RFX Datasheet HTML 6Page - Amphenol Corporation 31-10-RFX Datasheet HTML 7Page - Amphenol Corporation 31-10-RFX Datasheet HTML 8Page - Amphenol Corporation 31-10-RFX Datasheet HTML 9Page - Amphenol Corporation 31-10-RFX Datasheet HTML 10Page - Amphenol Corporation 31-10-RFX Datasheet HTML 11Page - Amphenol Corporation 31-10-RFX Datasheet HTML 12Page - Amphenol Corporation 31-10-RFX Datasheet HTML 13Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
BNC 50 ohm
Amphenol
®
Bulkhead Cable Jacks
113
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Fig. 1
Fig. 2
q
accommodates cable diameter * recognized under the component program of U.L., Inc.
v distributor stocked s includes outer ferrule
BNC BULKHEAD CABLE JACKS
Cable
Cable Attachment
Dimensions, inches (millimeters)
Mtg.
Military
Amphenol
Fig.
RG-/U
Outer
Inner
a s
bc q
de
CAI
Plt.
Ins.
Hole
Number
Number
55, 142, 223
Crimp
Crimp
1.41(35.8)
.795(20.2) dia
.220(5.6)
.812(20.6)
.250(6.4)
C26a P17
D1
Y
—
95700*
1
58, 141
Crimp
Crimp
1.41(35.7)
.795(20.2) dia
.206(5.2)
.812(20.6)
.250(6.4)
C26a P15
D1
Y
—
31-342
1
58, 141, 142, 223 Crimp
Crimp
1.38(35.1)
.687(17.5) hex
.210(5.3)
.709(18.0)
.138(3.5)
C26a P7
D23
Y
—
31-342-RFX
1
58, 141, 142, 400 Clamp
Solder
1.12(28.6)
.687(17.6) hex
.224(5.7)
.798(20.3)
.218(5.5)
C25
P1
D1
Y
UG-909/U
31-206*
2
59, 62, 140, 210
Clamp
Solder
1.12(28.6)
.687(17.6) hex
.257(6.5)
.798(20.3)
.218(5.5)
C25
P1
D1
Y
UG-910/U
31-207*
2
Crimp
Crimp
1.38(35.1)
.687(17.5) hex
.260(6.6)
.709(18.0)
.138(3.5)
C26a
P7
D23
Y
—
31-343-RFX
1
Plenum 59 (20 AWG) Crimp
Crimp
1.41(35.8)
.795(20.2) dia
.220(5.6)
.812(20.6)
.250(6.4)
C26a P15
D1
Y
—
31-343-1002
1
174,179,187,188,316
Clamp
Solder
1.14(29.0)
.687(17.5) hex
.115(2.9)
.798(20.3)
.250(6.4)
C25
P1
D1
Y
—
86350*
2
174, 188, 316
Crimp
Crimp
1.48(37.0)
.795(20.2) dia
.120(3.0)
.812(20.6)
.250(6.4)
C26a P16
D1
Y
—
31-318*
1
Crimp
Crimp
1.43(36.4)
.687(17.5) hex
.106(2.7)
.812(20.6)
.138(3.5)
C26a P7
D23
Y
—
31-318-RFX
1
178, 196
Clamp
Solder
1.14(29.0)
.687(17.5) dia
.098(2.5)
.798(20.3)
.250(6.4)
C25
P1
D1
Y
—
86850*
2
179, 187
Crimp
Crimp
1.49(37.8)
.795(20.2) dia
.120(3.0)
.812(20.6)
.250(6.4)
C26a P15
D1
Y
—
31-245*
1
Crimp
Crimp
1.43(36.3)
.687(17.4) hex
.106(2.7)
.709(18.0)
.138(3.5)
C26a P7
D23
Y
—
31-245-RFX
1
Dbl. Br. 316
Crimp
Crimp
1.41(35.8)
.795(20.2) dia
.135(3.42)
.812(20.6)
.250(6.4)
C26a P15
D1
Y
—
31-318-1001
1
95700
31-245
31-245-RFX
31-318
31-318-1001
31-318-RFX
31-342
31-342-RFX
31-343-1002
31-343-RFX
BNC Crimp Bulkhead Jacks
BNC Clamp Bulkhead Jacks
86350
86850
31-206
31-207
v
v
v
v
v
d
b dia.
e max
panel
a s
gasket
.687(17.4) across
2 flats
c•
d
e max
panel
a
gasket
c•
b across flats
.510(13.0)
.475(12.1)
Y
.510(13.0)
.475(12.1)
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com