Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-10-RFX Datasheet(PDF) 15 Page - Amphenol Corporation

Part # 31-10-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-10-RFX Datasheet(HTML) 15 Page - Amphenol Corporation

Back Button 31-10-RFX Datasheet HTML 11Page - Amphenol Corporation 31-10-RFX Datasheet HTML 12Page - Amphenol Corporation 31-10-RFX Datasheet HTML 13Page - Amphenol Corporation 31-10-RFX Datasheet HTML 14Page - Amphenol Corporation 31-10-RFX Datasheet HTML 15Page - Amphenol Corporation 31-10-RFX Datasheet HTML 16Page - Amphenol Corporation 31-10-RFX Datasheet HTML 17Page - Amphenol Corporation 31-10-RFX Datasheet HTML 18Page - Amphenol Corporation 31-10-RFX Datasheet HTML 19Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
BNC 50 ohm
Amphenol
®
Adapters
119
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Description
Dimensions, inches (millimeters)
Notes
Mtg.
Military
Amphenol
Fig.
a
b
c
e
Plt.
Ins.
Hole
Number
Number
Straight
Jack-Jack
1.28(32.5)
.437(11.1)
—
—
P1
D1
—
UG-914/U
31-219*
1
P7
D26
—
—
31-219-RFX
1
Straight
Plug-Plug
1.25(31.8)
.562(14.3)
—
—
P1
D1
—
UG-491A/U
31-218*
2
P7
D1
—
—
31-218-RFX
2
1.06(27.0)
.562(14.3)
1.02(25.8)
—
P1
D1
—
UG-306/U
31-9*‡3
Angle
Jack-Plug
1.06(27.0)
.562(14.3)
1.02(25.8)
—
P1
D1
—
—
31-9-RFX
3
1.09(27.6)
.594(15.1)
1.02(25.8)
—
P34
D1
—
M55339/14-00306 31-4561
3
Panel, 3-56 Tapped
Jack-Jack
1.28(32.5)
.688(17.5)
.691(17.6)
.250(6.4)
P1
D1
E
—
47000*
4
Flange Holes
BNC Angle Adapters - Jack/Plug
31-9
31-9-RFX
Fig. 2
Fig. 3
Fig. 4
Fig. 1
BNC Straight Adapters - Plug/Plug
31-218
31-218-RFX
BNC Straight Adapters - Jack/Jack
31-219
31-219-RFX
BNC Panel Adapter - Jack/Jack
47000
BNC ADAPTERS - STRAIGHT, ANGLE, PANEL MOUNT
* recognized under the component program of U.L., Inc.
v distributor stocked ‡ IBM 6028521
v
v
v
v
v
b
a
a
b
a
c
b
c
b square
e max panel
a
.500(12.7)
.453(11.5)
.385(9.8)
.094(10.3)
.109(2.8)
dia. 4 holes
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com