Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4940-1ARZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4940-1ARZ-R7
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4940-1ARZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4940-1ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADA4940-1/ADA4940-2
Data Sheet
Rev. B | Page 6 of 32
VOCM to VOUT,cm Performance
Table 7.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VOCM DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VOUT, cm = 0.1 V p-p
36
MHz
−3 dB Large Signal Bandwidth
VOUT, cm = 1 V p-p
26
MHz
Slew Rate
VOUT, cm = 1 V p-p
48
V/µs
Input Voltage Noise
f = 100 kHz
92
nV/√Hz
Gain
ΔVOUT, cm/ΔVOCM, ΔVOCM = ±0.25 V
0.99
1
1.01
V/V
VOCM CHARACTERISTICS
Input Common-ModeVoltage Range
−VS + 0.8 to
+VS − 0.7
V
Input Resistance
250
kΩ
Offset Voltage
VOS, cm = VOUT, cm − VOCM; VIP = VIN = VOCM = 1.5 V
−7
±1
+7
mV
Input Offset Voltage Drift
TMIN to TMAX
20
µV/°C
Input Bias Current
−5
+1
+5
µA
CMRR
ΔVOS,dm/ΔVOCM, ΔVOCM = ±0.25 V
80
100
dB
General Performance
Table 8.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
LFCSP
3
7
V
SOIC
3
6
V
Quiescent Current per Amplifier
Enabled
1
1.18
1.33
mA
TMIN to TMAX
4.25
µA/°C
Disabled
7
22
µA
+PSRR
ΔVOS, dm/ΔVS, ΔVS = 0.25 V p-p
80
90
dB
−PSRR
ΔVOS, dm/ΔVS, ΔVS = 0.25 V p-p
80
96
dB
DISABLE (DISABLE PIN)
DISABLE Input Voltage
Disabled
≤(−VS + 1)
V
Enabled
≥(−VS + 1.8)
V
Turn-Off Time
16
µs
Turn-On Time
0.6
µs
DISABLE Pin Bias Current per Amplifier
Enabled
DISABLE = +3 V
0.3
1
µA
Disabled
DISABLE = 0 V
−6
−3
µA
OPERATING TEMPERATURE RANGE
−40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com