Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4940-1ARZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4940-1ARZ-R7
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4940-1ARZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4940-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADA4940-1/ADA4940-2
Data Sheet
Rev. B | Page 16 of 32
8
–8
–6
–4
0
2
4
6
–2
0
1000
TIME (ns)
100
200
300
400
500
600
700
800
900
G = +2
VOUT, dm
2 × VIN
Figure 43. Output Overdrive Recovery, G = 2
100
10
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 44. Voltage Noise Spectral Density, Referred to Input
1.50
–1.25
0
–2.75
0
100
TIME (µs)
–2.50
–2.25
–2.00
–1.75
–1.50
–1.25
–1.00
–0.75
–0.50
–0.25
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
1.25
10
20
30
40
50
60
70
80
90
–OUT, VICM = 1V
+OUT, VICM = 1V
DISABLE
+IN
–OUT
+OUT
–FB
+FB
–IN
VOCM
0.1µF
R1
R2
R2
+2.5V
–2.5V
R1
VICM
DISABLE
0V
–2.5V
Figure 45. DISABLE Pin Turn-Off Time
2.0
–2.0
0.5
–0.5
0
80
TIME (ns)
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
10
20
30
40
50
60
70
%ERROR
OUTPUT
INPUT
VOUT, dm = 2V p-p
Figure 46. 0.1% Settling Time
100
10
1
0.1
0.01
0.1
1
10
100
FREQUENCY (MHz)
Figure 47. Closed-Loop Output Impedance Magnitude vs. Frequency, G = 1
2.50
–0.25
–2.75
0
2.0
TIME (µs)
–2.50
–2.25
–2.00
–1.75
–1.50
–1.25
–1.00
–0.75
–0.50
–0.25
0
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–OUT, VICM = 1V
DISABLE
+OUT, VICM = 1V
+IN
–OUT
+OUT
–FB
+FB
–IN
VOCM
0.1µF
R1
R2
R2
+2.5V
–2.5V
R1
VICM
DISABLE
0V
–2.5V
Figure 48. DISABLE Pin Turn-On Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com