Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4940-1ARZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4940-1ARZ-R7
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4940-1ARZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4940-1ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
ADA4940-1/ADA4940-2
Rev. B | Page 7 of 32
ABSOLUTE MAXIMUM RATINGS
Table 9.
Parameter
Rating
Supply Voltage
8 V
VOCM
±VS
Differential Input Voltage
1.2 V
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
ESD
Field Induced Charged Device Model (FICDM)
1250 V
Human Body Model (HBM)
2000 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for the device soldered on a circuit board in still air.
Table 10.
Package Type
θJA
Unit
8-Lead SOIC (Single)/4-Layer Board
158
°C/W
16-Lead LFCSP (Single)/4-Layer Board
91.3
°C/W
24-Lead LFCSP (Dual)/4-Layer Board
65.1
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the ADA4940-1/
ADA4940-2 packages is limited by the associated rise in
junction temperature (TJ) on the die. At approximately 150°C,
which is the glass transition temperature, the plastic changes its
properties. Even temporarily exceeding this temperature limit
can change the stresses that the package exerts on the die,
permanently shifting the parametric performance of the
ADA4940-1/ADA4940-2. Exceeding a junction temperature
of 150°C for an extended period can result in changes in the
silicon devices, potentially causing failure.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power dissipation is the voltage between the supply pins (±VS)
times the quiescent current (IS). The load current consists of the
differential and common-mode currents flowing to the load, as
well as currents flowing through the external feedback networks
and internal common-mode feedback loop. The internal
resistor tap used in the common-mode feedback loop places a
negligible differential load on the output. RMS voltages and
currents should be considered when dealing with ac signals.
Airflow reduces θJA. In addition, more metal directly in contact
with the package leads from metal traces, through holes, ground,
and power planes reduces the θJA.
Figure 3 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the 8-lead SOIC (θJA =
158°C/W, single)the 16-lead LFCSP (θJA = 91.3°C/W, single) and
24-lead LFCSP (θJA = 65.1°C/W, dual) packages on a JEDEC
standard 4-layer board. θJA values are approximations.
3.5
0
–40
–20
0
20
40
60
120
100
80
AMBIENT TEMPERATURE (°C)
0.5
1.0
1.5
2.0
2.5
3.0
ADA4940-2 (LFCSP)
ADA4940-1 (LFCSP)
ADA4940-1 (SOIC)
Figure 3. Maximum Safe Power Dissipation vs. Ambient Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com