Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4940-1ARZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4940-1ARZ-R7
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4940-1ARZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4940-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADA4940-1/ADA4940-2
Data Sheet
Rev. B | Page 12 of 32
4
–9
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
CDIFF = 0pF
VOUT = 0.1V p-p
CCOM1 = CCOM2 = 2pF
CCOM1 = CCOM2 = 0.5pF
CCOM1 = CCOM2 = 1pF
CCOM1 = CCOM2 = 0pF
Figure 19. Small Signal Frequency Response for Various Capacitive Loads
(LFCSP)
0.25
–0.25
0.1
1000
1
10
100
FREQUENCY (MHz)
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
VOUT, dm = 0.1V p-p
G = 2, RL = 200Ω
G = 2, RL = 1kΩ
G = 1, RL = 200Ω
G = 1, RL = 1kΩ
Figure 20. 0.1 dB Flatness Small Signal Frequency Response for
Various Gains and Loads (LFCSP)
3
–9
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VS = ±1.5V
VS = ±2.5V
VOUT, dm = 0.1V p-p
Figure 21. VOCM Small Signal Frequency Response for Various Supplies
4
–9
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
CCOM1 = CCOM2 = 0pF
CCOM1 = CCOM2 = 0.5pF
CCOM1 = CCOM2 = 1pF
CCOM1 = CCOM2 = 2pF
CDIFF = 0pF
VOUT = 2V p-p
Figure 22. Large Signal Frequency Response for Various Capacitive Loads
0.25
–0.25
0.1
1000
1
10
100
FREQUENCY (MHz)
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
VOUT, dm = 2V p-p
G = 1, RL = 1kΩ
G = 1, RL = 200Ω
G = 2, RL = 1kΩ
G = 2, RL = 200Ω
Figure 23. 0.1 dB Flatness Large Signal Frequency Response for
Various Gains and Loads
3
–9
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VS = ±1.5V
VS = ±2.5V
VOUT, dm = 1V p-p
Figure 24. VOCM Large Signal Frequency Response for Various Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com