Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4940-1ARZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4940-1ARZ-R7
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4940-1ARZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4940-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
ADA4940-1/ADA4940-2
Rev. B | Page 19 of 32
TEST CIRCUITS
ADA4940-1/
ADA4940-2
54.9Ω
475Ω
475Ω
54.9Ω
+2.5V
–2.5V
1kΩ
1kΩ
50Ω
NETWORK
ANALYZER
OUTPUT
NETWORK
ANALYZER
INPUT
1kΩ
1kΩ
VOCM
52.3Ω
25.5Ω
VIN
50Ω
50Ω
Figure 59. Equivalent Basic Test Circuit
ADA4940-1/
ADA4940-2
+2.5V
–2.5V
1kΩ
1kΩ
50Ω
1kΩ
475Ω
475Ω
1kΩ
VOCM
52.3Ω
54.9Ω
54.9Ω
100Ω
HP
LP
2:1
50Ω
CT
VIN
LOW-PASS
FILTER
DC-COUPLED
GENERATOR
DUAL
FILTER
25.5Ω
Figure 60. Test Circuit for Distortion Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com