Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4940-1ARZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4940-1ARZ-R7
Description  Ultralow Power, Low Distortion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4940-1ARZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4940-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADA4940-1/ADA4940-2
Rev. B | Page 23 of 32
Table 15 and Table 16 list several common gain settings, recommended resistor values, input impedances, and output noise density for both
balanced and unbalanced input configurations.
Table 15. Differential Ground-Referenced Input, DC-Coupled, RL = 1 kΩ (See Figure 64)
Nominal Gain (dB)
RF (Ω)
RG (Ω)
RIN, dm (Ω)
Differential Output Noise Density (nV/√Hz)
RTI (nV/√Hz)
0
1000
1000
2000
11.3
11.3
6
1000
500
1000
15.4
7.7
10
1000
318
636
20.0
6.8
14
1000
196
392
27.7
5.5
Table 16. Single-Ended Ground-Referenced Input, DC-Coupled, RS = 50 Ω, RL = 1 kΩ (See Figure 65)
Nominal Gain (dB)
RF (Ω)
RG (Ω)
RT (Ω)
RIN,se (Ω)
RG1 (Ω)1
Differential Output Noise Density (nV/√Hz)
RTI (nV/√Hz)
0
1000
1000
52.3
1333
1025
11.2
11.2
6
1000
500
53.6
750
526
15.0
7.5
10
1000
318
54.9
512
344
19.0
6.3
14
1000
196
59.0
337
223
25.3
5
1
RG1 = RG + (RS||RT)
IMPACT OF MISMATCHES IN THE FEEDBACK
NETWORKS
Even if the external feedback networks (RF/RG) are mismatched,
the internal common-mode feedback loop still forces the outputs
to remain balanced. The amplitudes of the signals at each output
remain equal and 180° out of phase. The input-to-output,
differential mode gain varies proportionately to the feedback
mismatch, but the output balance is unaffected.
As well as causing a noise contribution from VOCM, ratio-matching
errors in the external resistors result in a degradation of the ability
of the circuit to reject input common-mode signals, much the
same as for a four resistors difference amplifier made from a
conventional op amp.
In addition, if the dc levels of the input and output common-
mode voltages are different, matching errors result in a small
differential mode, output offset voltage. When G = 1, with a
ground-referenced input signal and the output common-mode
level set to 2.5 V, an output offset of as much as 25 mV (1% of
the difference in common-mode levels) can result if 1% tolerance
resistors are used. Resistors of 1% tolerance result in a worst-
case input CMRR of about 40 dB, a worst-case differential mode
output offset of 25 mV due to the 2.5 V level-shift, and no
significant degradation in output balance error.
CALCULATING THE INPUT IMPEDANCE OF AN
APPLICATION CIRCUIT
The effective input impedance of a circuit depends on whether
the amplifier is being driven by a single-ended or differential
signal source. For balanced differential input signals, as shown
in Figure 64, the input impedance (RIN,dm) between the inputs
(+DIN and −DIN) is simply RIN,dm = 2 × RG.
For an unbalanced, single-ended input signal (see Figure 65),
the input impedance is
(
)
+
×
−
=
F
G
F
G
se
IN
R
R
R
R
R
2
1
,
+VS
ADA4940-1/
ADA4940-2
+IN
–IN
RF
RF
+DIN
–DIN
VOCM
RG
RG
VOUT, dm
Figure 64. ADA4940-1/ADA4940-2 Configured for Balanced (Differential) Inputs
RT
RS
ADA4940-1/
ADA4940-2
+VS
RF
RG
RS
RG
RF
VOCM
RT
VOUT, dm
+IN
–IN
Figure65.ADA4940-1/ADA4940-2ConfiguredforUnbalanced(Single-Ended)Input
The input impedance of the circuit is effectively higher than it
would be for a conventional op amp connected as an inverter
because a fraction of the differential output voltage appears at
the inputs as a common-mode signal, partially bootstrapping
the voltage across the input resistor RG1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com