Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6701 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6701
Description  2050 MHz to 3000 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6701 Datasheet(HTML) 1 Page - Analog Devices

  ADRF6701 Datasheet HTML 1Page - Analog Devices ADRF6701 Datasheet HTML 2Page - Analog Devices ADRF6701 Datasheet HTML 3Page - Analog Devices ADRF6701 Datasheet HTML 4Page - Analog Devices ADRF6701 Datasheet HTML 5Page - Analog Devices ADRF6701 Datasheet HTML 6Page - Analog Devices ADRF6701 Datasheet HTML 7Page - Analog Devices ADRF6701 Datasheet HTML 8Page - Analog Devices ADRF6701 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
2050 MHz to 3000 MHz Quadrature Modulator with
2500 MHz to 2900 MHz Frac-N PLL and Integrated VCO
Data Sheet
ADRF6704
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
IQ modulator with integrated fractional-N PLL
Output frequency range: 2050 MHz to 3000 MHz
Internal LO frequency range: 2500 MHz to 2900 MHz
Output P1dB: 12.1 dBm @ 2700 MHz
Output IP3: 27.2 dBm @ 2700 MHz
Noise floor: −158.3 dBm/Hz @ 2700 MHz
Baseband bandwidth: 750 MHz (3 dB)
SPI serial interface for PLL programming
Integrated LDOs and LO buffer
Power supply: 5 V/226 mA
40-lead 6 mm × 6 mm LFCSP
APPLICATIONS
Cellular communications systems
GSM/EDGE, CDMA2000, W-CDMA, TD-SCDMA, LTE
Broadband wireless access systems
Satellite modems
GENERAL DESCRIPTION
The ADRF6704 provides a quadrature modulator and
synthesizer solution within a small 6 mm × 6 mm footprint
while requiring minimal external components.
The ADRF6704 is designed for RF outputs from 2050 MHz to
3000 MHz. The low phase noise VCO and high performance
quadrature modulator make the ADRF6704 suitable for next
generation communication systems requiring high signal
dynamic range and linearity. The integration of the IQ
modulator, PLL, and VCO provides for significant board
savings and reduces the BOM and design complexity.
The integrated fractional-N PLL/synthesizer generates a 2× fLO
input to the IQ modulator. The phase detector together with an
external loop filter is used to control the VCO output. The VCO
output is applied to a quadrature divider. To reduce spurious
components, a sigma-delta (Σ-Δ) modulator controls the
programmable PLL divider.
The IQ modulator has wideband differential I and Q inputs,
which support baseband as well as complex IF architectures.
The single-ended modulator output is designed to drive a
50 Ω load impedance and can be disabled.
The ADRF6704 is fabricated using an advanced silicon-
germanium BiCMOS process. It is available in a 40-lead,
exposed-paddle, Pb-free, 6 mm × 6 mm LFCSP package.
Performance is specified from −40°C to +85°C. A lead-free
evaluation board is available.
Table 1.
Part No.
Internal LO Range
IQ Modulator
±3 dB RF Output Range
ADRF6701
750 MHz
400 MHz
1150 MHz
1250 MHz
ADRF6702
1550 MHz
1200 MHz
2150 MHz
2400 MHz
ADRF6703
2100 MHz
1550 MHz
2600 MHz
2650 MHz
ADRF6704
2500 MHz
2050 MHz
2900 MHz
3000 MHz
FUNCTIONAL BLOCK DIAGRAM
MUX
RSET
CP VTUNE
LOSEL
LON
LOP
QN
2:1
MUX
VCO
CORE
QP
TEMP
SENSOR
DECL3
DECL2
DECL1
ENOP
BUFFER
BUFFER
RFOUT
NC
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
VCC1
VCC2
VCC3
VCC4
VCC5
VCC6
–
+
CHARGE PUMP
250µA,
500µA (DEFAULT),
750µA,
1000µA
PRESCALER
÷2
LE
CLK
SPI
INTERFACE
DATA
MUXOUT
÷2
0/90
REFIN
GND
ADRF6704
29
VCC7
34
26
16
39
3
5
4
8
6
14
13
12
38
37
36
7
11 15 20 21 23
24
25 28 30 31 35
2
9
40
IP
IN
27
17
10
1
22
PHASE
FREQUENCY
DETECTOR
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRACTION
REG
MODULUS INTEGER
REG
N COUNTER
21 TO 123
×2
÷2
÷4
DIVIDER
÷2
18
19
32
33
Figure 1.


Similar Part No. - ADRF6701

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
1200 MHz to 2400 MHz Quadrature Modulator
REV. B
ADRF6701-EVALZ AD-ADRF6701-EVALZ Datasheet
1Mb / 36P
400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADRF6701ACPZ-R7 AD-ADRF6701ACPZ-R7 Datasheet
1Mb / 36P
400 MHz to 1250 MHz Quadrature Modulator
REV. 0
More results

Similar Description - ADRF6701

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
ADL5370 AD-ADL5370 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
400 MHz to 1250 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
REV. B
ADRF6702ACPZ-R7 AD-ADRF6702ACPZ-R7 Datasheet
1Mb / 36P
1200 MHz to 2400 MHz Quadrature Modulator
REV. B
ADRF6750ACPZ-R7 AD-ADRF6750ACPZ-R7 Datasheet
1Mb / 40P
950 MHz to 1575 MHz Quadrature Modulator
REV. A
ADL5372ACPZ-R7 AD-ADL5372ACPZ-R7 Datasheet
809Kb / 24P
1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5374 AD-ADL5374_15 Datasheet
862Kb / 20P
3000 MHz to 4000 MHz Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385_15 Datasheet
1Mb / 26P
30 MHz to 2200 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com