Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6701 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6701
Description  2050 MHz to 3000 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6701 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6701 Datasheet HTML 5Page - Analog Devices ADRF6701 Datasheet HTML 6Page - Analog Devices ADRF6701 Datasheet HTML 7Page - Analog Devices ADRF6701 Datasheet HTML 8Page - Analog Devices ADRF6701 Datasheet HTML 9Page - Analog Devices ADRF6701 Datasheet HTML 10Page - Analog Devices ADRF6701 Datasheet HTML 11Page - Analog Devices ADRF6701 Datasheet HTML 12Page - Analog Devices ADRF6701 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Data Sheet
ADRF6704
Rev. 0 | Page 9 of 36
Pin No.
Mnemonic
Description
14
LE
Latch Enable. When the LE input pin goes high, the data stored in the shift registers is
loaded into one of the six registers, the relevant latch being selected by the first three
control bits of the 24-bit word.
16
ENOP
Modulator Output Enable/Disable. See Table 6.
18, 19, 32, 33
QP, QN, IN, IP
Modulator Baseband Inputs. Differential in-phase and quadrature baseband inputs.
These inputs should be dc-biased to 0.5 V.
26
RFOUT
RF Output. Single-ended, 50 Ω internally biased RF output. RFOUT must be ac-coupled
to its load.
36
LOSEL
LO Select. This digital input pin determines whether the LOP and LON pins operate as
inputs or outputs. This pin should not be left floating. LOP and LON become inputs if
the LOSEL pin is set low and the LDRV bit of Register 5 is set low. External LO drive
must be a 2× LO. In addition to setting LOSEL and LDRV low and providing an external
2× LO, the LXL bit of Register 5 (DB4) must be set to 1 to direct the external LO to the
IQ modulator. LON and LOP become outputs when LOSEL is high or if the LDRV bit of
Register 5 (DB3) is set to 1. A 1× LO or 2× LO output can be selected by setting the
LDIV bit of Register 5 (DB5) to 1 or 0 respectively (see Table 7).
37, 38
LON, LOP
Local Oscillator Input/Output. The internally generated 1× LO or 2× LO is available on
these pins. When internal LO generation is disabled, an external 1× LO or 2× LO can be
applied to these pins.
39
VTUNE
VCO Control Voltage Input. This pin is driven by the output of the loop filter. Nominal
input voltage range on this pin is 1.3 V to 2.5 V.
40
DECL3
Decoupling Node for VCO LDO. Connect a 100 pF capacitor and a 10 μF capacitor
between this pin and ground.
EP
Exposed Paddle. The exposed paddle should be soldered to a low impedance
ground plane.
Table 6. Enabling RFOUT
ENOP
Register 5 Bit DB6
RFOUT
X1
0
Disabled
0
X1
Disabled
1
1
Enabled
1 X = don’t care.
Table 7. LO Port Configuration1, 2
LON/LOP Function
LOSEL
Register 5 Bit DB5(LDIV)
Register 5 Bit DB4(LXL)
Register 5 Bit DB3 (LDRV)
Input (2× LO)
0
X
1
0
Output (Disabled)
0
X
0
0
Output (1× LO)
0
0
0
1
Output (1× LO)
1
0
0
0
Output (1× LO)
1
0
0
1
Output (2× LO)
0
1
0
1
Output (2× LO)
1
1
0
0
Output (2× LO)
1
1
0
1
1 X = don’t care.
2 LOSEL should not be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com