Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6701 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6701
Description  2050 MHz to 3000 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6701 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6701 Datasheet HTML 7Page - Analog Devices ADRF6701 Datasheet HTML 8Page - Analog Devices ADRF6701 Datasheet HTML 9Page - Analog Devices ADRF6701 Datasheet HTML 10Page - Analog Devices ADRF6701 Datasheet HTML 11Page - Analog Devices ADRF6701 Datasheet HTML 12Page - Analog Devices ADRF6701 Datasheet HTML 13Page - Analog Devices ADRF6701 Datasheet HTML 14Page - Analog Devices ADRF6701 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet
ADRF6704
Rev. 0 | Page 11 of 36
–80
–70
–60
–50
–40
–30
–20
–10
0
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 10. Carrier Feedthrough vs. LO Frequency (fLO) and Temperature;
Multiple Devices Shown
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 11. Sideband Suppression vs. LO Frequency (fLO) and Temperature;
Multiple Devices Shown
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
OIP2
OIP3
–40°C
+25°C
+85°C
Figure 12. OIP3 and OIP2 vs. LO Frequency (fLO) and Temperature
(POUT ≈ −2 dBm per Tone); Multiple Devices Shown
–80
–70
–60
–50
–40
–30
–20
–10
0
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 13. Carrier Feedthrough vs. LO Frequency (fLO) and Temperature After
Nulling at 25°C; Multiple Devices Shown
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 14. Sideband Suppression vs. LO Frequency (fLO) and Temperature
After Nulling at 25°C; Multiple Devices Shown
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
THIRD-ORDER DISTORTION
SECOND-ORDER DISTORTION
–40°C
+25°C
+85°C
Figure 15. Second- and Third-Order Distortion vs. LO Frequency (fLO) and
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com