Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6701 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6701
Description  2050 MHz to 3000 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6701 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6701 Datasheet HTML 8Page - Analog Devices ADRF6701 Datasheet HTML 9Page - Analog Devices ADRF6701 Datasheet HTML 10Page - Analog Devices ADRF6701 Datasheet HTML 11Page - Analog Devices ADRF6701 Datasheet HTML 12Page - Analog Devices ADRF6701 Datasheet HTML 13Page - Analog Devices ADRF6701 Datasheet HTML 14Page - Analog Devices ADRF6701 Datasheet HTML 15Page - Analog Devices ADRF6701 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ADRF6704
Data Sheet
Rev. 0 | Page 12 of 36
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1000
10000
100000
OFFSET FREQUENCY (kHz)
2.5kHz LOOP FILTER
130kHz LOOP FILTER
–40°C
+25°C
+85°C
Figure 16. Phase Noise vs. Offset Frequency and Temperature,
fLO = 2500 MHz
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1000
10000
100000
OFFSET FREQUENCY (kHz)
2.5kHz LOOP FILTER
130kHz LOOP FILTER
–40°C
+25°C
+85°C
Figure 17. Phase Noise vs. Offset Frequency and Temperature,
fLO = 2700 MHz
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1000
10000
100000
OFFSET FREQUENCY (kHz)
2.5kHz LOOP FILTER
130kHz LOOP FILTER
–40°C
+25°C
+85°C
Figure 18. Phase Noise vs. Offset Frequency and Temperature,
fLO = 2900 MHz
LO FREQUENCY (MHz)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2500
2550
2600
2650
2700
2750
2800
2850
2900
–40°C
+25°C
+85°C
Figure 19. Integrated Phase Noise vs. LO Frequency
LO FREQUENCY (MHz)
–150
–140
–130
–120
–110
–100
–90
–80
2500
2550
2600
2650
2700
2750
2800
2850
2900
OFFSET = 1kHz
OFFSET = 5MHz
OFFSET = 100kHz
–40°C
+25°C
+85°C
Figure 20. Phase Noise vs. LO Frequency at 1 kHz, 100 kHz, and 5 MHz Offsets
LO FREQUENCY (MHz)
–150
–140
–130
–120
–110
–100
–90
–80
2500
2550
2600
2650
2700
2750
2800
2850
2900
OFFSET = 1MHz
OFFSET = 10kHz
–40°C
+25°C
+85°C
Figure 21. Phase Noise vs. LO Frequency at 10 kHz and 1 MHz Offsets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com