Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6701 Datasheet(PDF) 30 Page - Analog Devices

Part # ADRF6701
Description  2050 MHz to 3000 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6701 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADRF6701 Datasheet HTML 26Page - Analog Devices ADRF6701 Datasheet HTML 27Page - Analog Devices ADRF6701 Datasheet HTML 28Page - Analog Devices ADRF6701 Datasheet HTML 29Page - Analog Devices ADRF6701 Datasheet HTML 30Page - Analog Devices ADRF6701 Datasheet HTML 31Page - Analog Devices ADRF6701 Datasheet HTML 32Page - Analog Devices ADRF6701 Datasheet HTML 33Page - Analog Devices ADRF6701 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ADRF6704
Data Sheet
Rev. 0 | Page 30 of 36
EVALUATION BOARD
Figure 51 shows the schematic of the device’s RoHS-compliant
evaluation board. This board was designed using Rogers 4350
material to minimize losses at high frequencies. FR4 material
would also be adequate but with the slightly higher trace loss
of this material.
Whereas the on-board USB interface circuitry of the evaluation
board is powered directly from the PC, the main section of the
evaluation board requires a separate 5 V power supply.
The evaluation board is designed to operate using the internal
VCO (default configuration) of the device. Additional
configuration options for the evaluation board are described
in Table 11.
The serial port of the ADRF6704 can be programmed from a
PC’s USB port (a USB cable is provided with the evaluation
board). The on-board USB interface circuitry can if desired be
bypassed by removing the 0 Ω resistors, R15, R17, and R18 (see
Figure 51) and driving the ADRF6704 serial interface through
the P3 4-pin header (P3 must be first installed, Samtec TSW-
104-08-G-S).
EVALUATION BOARD CONTROL SOFTWARE
USB-based programming software is available to download
from the ADRF6704 product page at www.analog.com
(Evaluation Board Software Rev 6.1.0). To install the software,
download and extract the zip file. Then run the following
installation file: ADRF6X0X_6p1p0_customer_installer.exe.
To operate correctly under Windows XP, Version 3.5 of
Microsoft .NET must be installed. To run the software on a
Windows 7 PC, XP emulation mode must be used (using
Virtual PC).
Figure 50. Control Software Opening Menu
Figure 50 shows the opening window of the software where the
user selects the device being programmed. Figure 54 shows a
screen shot of the control software’s main controls with the
default settings displayed. The text box in the bottom left corner
provides an immediate indication of whether the software is
successfully communicating with the evaluation board. If the
evaluation board is connected to the PC via the USB cable
provided and the software is successfully communicating with
the on-board USB circuitry, this text box shows the following
message: ADRF6X0X eval board connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com