Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6701 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6701
Description  2050 MHz to 3000 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6701 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6701 Datasheet HTML 6Page - Analog Devices ADRF6701 Datasheet HTML 7Page - Analog Devices ADRF6701 Datasheet HTML 8Page - Analog Devices ADRF6701 Datasheet HTML 9Page - Analog Devices ADRF6701 Datasheet HTML 10Page - Analog Devices ADRF6701 Datasheet HTML 11Page - Analog Devices ADRF6701 Datasheet HTML 12Page - Analog Devices ADRF6701 Datasheet HTML 13Page - Analog Devices ADRF6701 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADRF6704
Data Sheet
Rev. 0 | Page 10 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V; TA = 25°C; baseband I/Q amplitude = 1 V p-p differential sine waves in quadrature with a 500 mV dc bias; baseband I/Q
frequency (fBB) = 1 MHz; fPFD = 38.4 MHz; fREF = 153.6 MHz at +4 dBm Re:50 Ω (1 V p-p); 130 kHz loop filter, unless otherwise noted.
0
1
2
3
4
5
6
7
8
9
10
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 4. Single Sideband (SSB) Output Power (POUT) vs.
LO Frequency (fLO) and Temperature; Multiple Devices Shown
7
8
9
10
11
12
13
14
15
16
17
18
19
20
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 5. SSB Output 1dB Compression Point (OP1dB) vs. LO Frequency (fLO)
and Temperature; Multiple Devices Shown
–20
–15
–10
10
15
20
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
1
10
SECOND-ORDER DISTORTION (dBc)
BASEBAND INPUT VOLTAGE (Vp-p Differential)
–5
0
5
SSB OUTPUT POWER (dBm)
THIRD-ORDER DISTORTION (dBc)
CARRIER FEEDTHROUGH (dBm)
SIDEBAND SUPRESSION (dBc)
Figure 6. SSB Output Power, Second- and Third-Order Distortion, Carrier
Feedthrough, and Sideband Suppression vs. Baseband Differential Input
Voltage (fOUT = 2500 MHz)
0
1
2
3
4
5
6
7
8
9
10
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
4.75V
5.25V
5V
Figure 7. Single Sideband (SSB) Output Power (POUT) vs.
LO Frequency (fLO) and Power Supply; Multiple Devices Shown
7
8
9
10
11
12
13
14
15
16
17
18
19
20
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
4.75V
5.25V
5V
Figure 8. SSB Output 1dB Compression Point (OP1dB) vs. LO Frequency (fLO)
and Power Supply
–20
–15
–10
10
15
20
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
1
10
SECOND-ORDER DISTORTION (dBc)
BASEBAND INPUT VOLTAGE (Vp-p Differential)
–5
0
5
SSB OUTPUT POWER (dBm)
SIDEBAND SUPRESSION (dBc)
THIRD-ORDER DISTORTION (dBc)
CARRIER FEEDTHROUGH (dBm)
Figure 9. SSB Output Power, Second- and Third-Order Distortion, Carrier
Feedthrough, and Sideband Suppression vs. Baseband Differential Input
Voltage (fOUT = 2900 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com