Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F016 Datasheet(PDF) 63 Page - Holtek Semiconductor Inc

Part # HT66F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 Datasheet(HTML) 63 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 59Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 60Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 61Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 62Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 63Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 64Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 65Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 66Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 67Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
63
May 14, 2012
STM Register List
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TM1C0
T1PAU
T1CK2
T1CK1
T1CK0
T1ON
¾¾¾
TM1C1
T1M1
T1M0
T1IO1
T1IO0
T1OC
T1POL
T1DPX
T1CCLR
TM1DL
D7
D6
D5
D4
D3
D2
D1
D0
TM1DH
D15
D14
D13
D12
D11
D10
D9
D8
TM1AL
D7
D6
D5
D4
D3
D2
D1
D0
TM1AH
D15
D14
D13
D12
D11
D10
D9
D8
TM1RP
T1RP7
T1RP6
T1RP5
T1RP4
T1RP3
T1RP2
T1RP1
T1RP0
16-bit Standard TM Register List
· TM1C0 Register
Bit
76543210
Name
T1PAU
T1CK2
T1CK1
T1CK0
T1ON
¾¾¾
R/W
R/W
R/W
R/W
R/W
R/W
¾¾¾
POR
00000
¾¾¾
Bit 7
T1PAU: TM1 counter pause control
0: run
1: pause
The counter can be paused by setting this bit high. Clearing the bit to zero restores normal
counter operation. When in a Pause condition the TM will remain powered up and continue to
consume power. The counter will retain its residual value when this bit changes from low to high
and resume counting from this value when the bit changes to a low value again.
Bit 6~4
T1CK2~T1CK0: select TM1 counter clock
000: fSYS/4
001: fSYS
010: fH/16
011: fH/64
100: fTBC
101: fH/8
110: TCK1 rising edge clock
111: TCK1 falling edge clock
These three bits are used to select the clock source for the TM. The external pin clock source can
be chosen to be active on the rising or falling edge. The clock source fSYS is the system clock,
while fH and fTBC are other internal clocks, the details of which can be found in the oscillator section.
Bit 3
T1ON: TM1 counter On/Off control
0: Off
1: On
This bit controls the overall on/off function of the TM. Setting the bit high enables the counter to
run, clearing the bit disables the TM. Clearing this bit to zero will stop the counter from counting
and turn off the TM which will reduce its power consumption. When the bit changes state from
low to high the internal counter value will be reset to zero, however when the bit changes from
high to low, the internal counter will retain its residual value until the bit returns high again.
If the TM is in the Compare Match Output Mode then the TM output pin will be reset to its initial
condition, as specified by the T1OC bit, when the T1ON bit changes from low to high.
Bit 2~0
unimplemented, read as 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com