Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F016 Datasheet(PDF) 67 Page - Holtek Semiconductor Inc

Part # HT66F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 Datasheet(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 63Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 64Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 65Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 66Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 67Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 68Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 69Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 70Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 71Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
67
May 14, 2012
Standard Type TM Operating Modes
The Standard Type TM can operate in one of five oper-
ating modes, Compare Match Output Mode, PWM
Mode, Single Pulse Output Mode, Capture Input Mode
or Timer/Counter Mode. The operating mode is selected
using the TnM1 and TnM0 bits in the TMnC1 register.
Compare Output Mode
To select this mode, bits TnM1 and TnM0 in the TMnC1
register, should be set to 00 respectively. In this mode
once the counter is enabled and running it can be
cleared by three methods. These are a counter over-
flow, a compare match from Comparator A and a com-
pare match from Comparator P. When the TnCCLR bit is
low, there are two ways in which the counter can be
cleared. One is when a compare match from Compara-
tor P, the other is when the CCRP bits are all zero which
allows the counter to overflow. Here both TnAF and
TnPF interrupt request flags for Comparator A and Com-
parator P respectively, will both be generated.
If the TnCCLR bit in the TMnC1 register is high then the
counter will be cleared when a compare match occurs
from Comparator A. However, here only the TnAF inter-
rupt request flag will be generated even if the value of
the CCRP bits is less than that of the CCRA registers.
Therefore when TnCCLR is high no TnPF interrupt re-
quest flag will be generated. In the Compare Match Out-
put Mode, the CCRA can not be set to 0.
As the name of the mode suggests, after a comparison
is made, the TM output pin, will change state. The TM
output pin condition however only changes state when a
TnAF interrupt request flag is generated after a compare
match occurs from Comparator A. The TnPF interrupt
request flag, generated from a compare match occurs
from Comparator P, will have no effect on the TM output
pin. The way in which the TM output pin changes state
are determined by the condition of the TnIO1 and TnIO0
bits in the TMnC1 register. The TM output pin can be se-
lected using the TnIO1 and TnIO0 bits to go high, to go
low or to toggle from its present condition when a com-
pare match occurs from Comparator A. The initial condi-
tion of the TM output pin, which is setup after the TnON
bit changes from low to high, is setup using the TnOC
bit. Note that if the TnIO1 and TnIO0 bits are zero then
no pin change will take place.
Counter Value
0xFFFF
CCRP
CCRA
TnON
TnPAU
TnPOL
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
TM O/P Pin
Time
CCRP=0
CCRP > 0
Counter overflow
CCRP > 0
Counter cleared by CCRP value
Pause
Resume
Stop
Counter
Restart
TnCCLR = 0; TnM [1:0] = 00
Output pin set to
initial Level Low
if TnOC=0
Output Toggle with
TnAF flag
Note TnIO [1:0] = 10
Active High Output select
Here TnIO [1:0] = 11
Toggle Output select
Output not affected by TnAF
flag. Remains High until reset
by TnON bit
Output Pin
Reset to Initial value
Output controlled by
other pin-shared function
Output Inverts
when TnPOL is high
Compare Match Output Mode -- TnCCLR = 0
Note:
1. With TnCCLR=0, a Comparator P match will clear the counter
2. The TM output pin is controlled only by the TnAF flag
3. The output pin is reset to its initial state by a TnON bit rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com