Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F016 Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT66F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 43Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 44Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 45Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 46Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
43
May 14, 2012
· LVRC Register
Bit
76543210
Name
LVS7
LVS6
LVS5
LVS4
LVS3
LVS2
LVS1
LVS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
01010011
Bit 7~0
LVS7~LVS0: LVR Voltage Select control
01010101: 2.1V
00110011: 2.55V
10011001: 3.15V
10101010: 3.8V
Any other value: Generates MCU reset -- LVRC register is reset to POR value
When an actual low voltage condition occurs, as specified by one of the four defined LVR voltage
values above, an MCU reset will be generated. The reset operation will be activated after 2~3
LIRC clock cycles. In this situation the register contents will remain the same after such a reset
occurs.
Any register value, other than the four defined LVR values above, will also result in the
generation of an MCU reset. The reset operation will be activated after 2~3 LIRC clock cycles.
However in this situation the register contents will be reset to the POR value.
Reset Initial Conditions
The different types of reset described affect the reset
flags in different ways. These flags, known as PDF and
TO are located in the status register and are controlled
by various microcontroller operations, such as the
SLEEP or IDLE Mode function or Watchdog Timer. The
reset flags are shown in the table:
TO
PDF
RESET Conditions
0
0
Power-on reset
uu
LVR reset during NORMAL or
SLOW Mode operation
1u
WDT time-out reset during NORMAL or
SLOW Mode operation
11
WDT time-out reset during IDLE or
SLEEP Mode operation
Note:
²u² stands for unchanged.
The following table indicates the way in which the vari-
ous components of the microcontroller are affected after
a power-on reset occurs.
Item
Condition After RESET
Program Counter
Reset to zero
Interrupts
All interrupts will be disabled
WDT
Clear after reset, WDT begins
counting
Timer Modules
Timer Counter will be turned off
Input/Output Ports
I/O ports will be setup as inputs,
and AN0~AN3 as A/D input pins
Stack Pointer
Stack Pointer will point to the top
of the stack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com