Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F016 Datasheet(PDF) 95 Page - Holtek Semiconductor Inc

Part # HT66F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 Datasheet(HTML) 95 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 91Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 92Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 93Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 94Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 95Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 96Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 97Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 98Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 99Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
95
May 14, 2012
LVD Operation
The Low Voltage Detector function operates by compar-
ing the power supply voltage, VDD, with a pre-specified
voltage level stored in the LVDC register. This has a
range of between 2.0V and 4.2V. When the power sup-
ply voltage, VDD, falls below this pre-determined value,
the LVDO bit will be set high indicating a low power sup-
ply voltage condition. The Low Voltage Detector func-
tion is supplied by a reference voltage which will be
automatically enabled. When the device is powered
down the low voltage detector will remain active if the
LVDEN bit is high. After enabling the Low Voltage De-
tector, a time delay tLVDS should be allowed for the cir-
cuitry to stabilise before reading the LVDO bit. Note also
that as the VDD voltage may rise and fall rather slowly, at
the voltage nears that of VLVD, there may be multiple bit
LVDO transitions.
The Low Voltage Detector also has its own interrupt
which is contained within one of the Multi-function inter-
rupts, providing an alternative means of low voltage de-
tection, in addition to polling the LVDO bit. The interrupt
will only be generated after a delay of tLVD after the LVDO
bit has been set high by a low voltage condition. When
the device is powered down the Low Voltage Detector
will remain active if the LVDEN bit is high. In this case,
the LVF interrupt request flag will be set, causing an in-
terrupt to be generated if VDD falls below the preset LVD
voltage. This will cause the device to wake-up from the
SLEEP or IDLE Mode, however if the Low Voltage De-
tector wake up function is not required then the LVF flag
should be first set high before the device enters the
SLEEP or IDLE Mode.
V D D
V L V D
L V D E N
L V D O
t L V D S
LVD Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com