Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F016 Datasheet(PDF) 96 Page - Holtek Semiconductor Inc

Part # HT66F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 Datasheet(HTML) 96 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 92Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 93Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 94Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 95Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 96Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 97Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 98Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 99Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 100Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 116 page
background image
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device during the program-
ming process. During the development process, these options are selected using the HT-IDE software development
tools. As these options are programmed into the device using the hardware programming tools, once they are selected
they cannot be changed later using the application program. All options must be defined for proper system function, the
details of which are shown in the table.
No.
Options
Oscillator Options
1
High Speed System Oscillator Selection - fOSC: HIRC or HXT
Watchdog Options
2
WDT function: Always enable or "By S/W control
Application Circuits
Note:
²*² Recommended component for added ESD protection.
²**² Recommended component in environments where power line noise is significant.
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
96
May 14, 2012
P A 6 / O S C 1
P A 5 / O S C 2
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n
A N 0 ~ A N 3
P A 0 ~ P A 4
P B 0 ~ P B 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com