Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F016 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT66F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT66F016 Datasheet HTML 1Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 116 page
background image
Reset and Initialisation .....................................................................42
Reset Functions ...................................................................................................42
Reset Initial Conditions .........................................................................................43
Input/Output Ports.............................................................................46
Pull-High Resistors ...............................................................................................46
Port A Wake-up ....................................................................................................47
I/O Port Control Register ......................................................................................47
Pin-remapping Functions......................................................................................48
Pin-remapping Registers ......................................................................................48
I/O Pin Structures .................................................................................................48
Programming Considerations ...............................................................................48
Timer Modules
- TM..........................................................................50
Introduction ..........................................................................................................50
TM Operation .......................................................................................................50
TM Clock Source..................................................................................................50
TM Interrupts ........................................................................................................51
TM External Pins ..................................................................................................51
Programming Considerations ...............................................................................52
Compact Type TM
- CTM..................................................................53
Compact TM Operation ........................................................................................53
Compact Type TM Register Description ...............................................................54
CTM Register List.................................................................................................54
Compact Type TM Operating Modes ....................................................................58
Compare Match Output Mode ..............................................................................58
Timer/Counter Mode.............................................................................................60
PWM Output Mode...............................................................................................60
Standard Type TM
- STM..................................................................62
Standard TM Operation ........................................................................................62
Standard Type TM Register Description ...............................................................62
STM Register List .................................................................................................63
Standard Type TM Operating Modes....................................................................67
Compare Output Mode .........................................................................................67
Timer/Counter Mode.............................................................................................69
PWM Output Mode...............................................................................................69
Single Pulse Mode ...............................................................................................71
Capture Input Mode..............................................................................................72
Analog to Digital Converter..............................................................73
A/D Overview .......................................................................................................73
A/D Converter Register Description ......................................................................73
A/D Converter Data Registers ADRL, ADRH .......................................................73
A/D Converter Control Registers
- ADCR0, ADCR1, ACERL...............................73
A/D Operation.......................................................................................................77
A/D Input Pins ......................................................................................................78
Contents
Rev. 1.00
4
May 14, 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com