Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0031.1663 Datasheet(PDF) 53 Page - Schurter Inc.

Part # 0031.1663
Description  FUSEHOLDERS / SICHERUNGSHALTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0031.1663 Datasheet(HTML) 53 Page - Schurter Inc.

Back Button 0031.1663 Datasheet HTML 49Page - Schurter Inc. 0031.1663 Datasheet HTML 50Page - Schurter Inc. 0031.1663 Datasheet HTML 51Page - Schurter Inc. 0031.1663 Datasheet HTML 52Page - Schurter Inc. 0031.1663 Datasheet HTML 53Page - Schurter Inc. 0031.1663 Datasheet HTML 54Page - Schurter Inc. 0031.1663 Datasheet HTML 55Page - Schurter Inc. 0031.1663 Datasheet HTML 56Page - Schurter Inc. 0031.1663 Datasheet HTML 57Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
SCHURTER AG Switzerland,
¤ (+)++41-41 369 31 11 Fax (+)++41-41 369 34 03 E-mail: contact@schurter.ch Internet: http.//www.schurter.ch 191
FUSEHOLDERS / SICHERUNGSHALTER
for Sub-miniature fuse-links /
für Kleinst-Sicherungseinsätze
Technical data
• Rated voltage: 250 V
• Rated current: 6,3 A
• Admissible ambient temperature:
–40 °C to +85 ºC
• Dielectric strength (AC / 1 Min):
2,5 kV between the terminals
• Insulation resistance (500 V DC/1 Min):
> 102 M
Ω
• Contact resistance: 7 m
Ω
• Solderability: 235 ºC/2 s, according to
IEC 60068-2-20, test Ta, method 1
• Resistance to soldering heat: 350 ºC/
5 s, according to IEC 60068-2-20, test
Tb, method 1B
• Materials: Socket thermoplastic,
flammability class UL 94V-0
• Terminals: copper alloy
Inside contacts gold-plated, solder
pins tin-plated
Technische Daten
• Nennspannung: 250 V
• Nennstrom: 6,3 A
• Zulässige Umgebungstemperatur:
–40 °C to +85 ºC
• Spannungsfestigkeit (AC / 1 Min):
2,5 kV zwischen den Anschlüssen
• Isolationswiderstand (500 V DC/1 Min)
> 102 M
Ω
• Durchgangswiderstand: 7 m
Ω
• Lötbarkeit: 235 ºC/2 s, nach
IEC 60068-2-20, Test Ta, Methode 1
• Lötwärmebeständigkeit: 350 ºC/5 s,
nach IEC 60068-2-20, Test Tb,
Methode 1B
• Material: Sockel Thermoplast, Brenn-
barkeitsstufe UL 94V-0
• Anschlüsse: Kupferlegierung
Innere Kontakte vergoldet, Lötstifte
verzinnt
Passende Kleinst-Sicherungseinsätze
Typ MSF/MST/MXT 250
siehe Seiten 68/69/70
Suitable sub-miniature fuse-links
Type MSF/MST/MXT 250
see pages 68/69/70
Fuseholder
open design
Type FMS
for PCB
through hole mounting
Sicherungshalter
offene Bauart
Typ FMS
für Leiterplatten
Durchsteckmontage
Order No./ Bestell-Nr.
0031.7601
Fuseholder / Sicherungshalter
Drilling
diagram /
Bohrplan
50
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com