Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0031.1663 Datasheet(PDF) 54 Page - Schurter Inc.

Part # 0031.1663
Description  FUSEHOLDERS / SICHERUNGSHALTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0031.1663 Datasheet(HTML) 54 Page - Schurter Inc.

Back Button 0031.1663 Datasheet HTML 50Page - Schurter Inc. 0031.1663 Datasheet HTML 51Page - Schurter Inc. 0031.1663 Datasheet HTML 52Page - Schurter Inc. 0031.1663 Datasheet HTML 53Page - Schurter Inc. 0031.1663 Datasheet HTML 54Page - Schurter Inc. 0031.1663 Datasheet HTML 55Page - Schurter Inc. 0031.1663 Datasheet HTML 56Page - Schurter Inc. 0031.1663 Datasheet HTML 57Page - Schurter Inc. 0031.1663 Datasheet HTML 58Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
CEHESS SCHURTER S.A. France
¤ (+)++3 25 02 50 49 Fax (+)++3 25-02 56 57 E-mail: 106426.2362@compuserve.com
192
FUSEHOLDERS / SICHERUNGSHALTER
for Sub-miniature fuse-links /
für Kleinst-Sicherungseinsätze
Passende, universelle
Kleinst-Sicherungseinsätze
Typ FRT 250
siehe Seiten 78/79
Suitable universal fuse-links
Type FRT 250
see pages 78/79
Technical data
• Rated voltage: 250 V
• Rated current: 6,3 A
Technische Daten
• Nennspannung: 250 V
• Nennstrom:
6,3 A
Fuseholder
open design
Type 231819
for PCB
through hole mounting
Sicherungshalter
offene Bauart
Typ 231819
für Leiterplatten
Durchsteckmontage
Drilling
diagram /
Bohrplan
Order No. / Bestell-Nr.
Packaging / Verpackung
7149.9019.03
Fuseholder /
Bag of 100 pieces /
Sicherungshalter
Beutel à 100 Stück
50
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com