Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M200 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # M200
Description  Two-PLL Programmable Clock Generator for Portable Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

M200 Datasheet(HTML) 4 Page - Cypress Semiconductor

  M200 Datasheet HTML 1Page - Cypress Semiconductor M200 Datasheet HTML 2Page - Cypress Semiconductor M200 Datasheet HTML 3Page - Cypress Semiconductor M200 Datasheet HTML 4Page - Cypress Semiconductor M200 Datasheet HTML 5Page - Cypress Semiconductor M200 Datasheet HTML 6Page - Cypress Semiconductor M200 Datasheet HTML 7Page - Cypress Semiconductor M200 Datasheet HTML 8Page - Cypress Semiconductor M200 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MoBL® Clock
M200/M500
Document Number: 001-29139 Rev. *C
Page 4 of 17
MoBL Clock M500
Figure 2. Pin Diagram - 16 LD QFN
VDD_CLK2
8
MoBL Clock M500
16 LD QFN
16
15
14
13
1
2
3
4
6
7
9
10
11
12
VSS
CLK2
DNU
CLK1
PD#/OE
5
VDD_CLK3
VDD_CLK1
Table 2. Pin Definitions - MoBL Clock M500 Family (VDD = 2.5 V, 3.0 V or 3.3 V Supply)
Pin Number
Name
IO
Description
1
VSS
Power
GND
2
CLK1
Output
Programmable Clock Output. Output voltage depends on
VDD_CLK1 voltage
3
VDD_CLK1
Power
Power Supply for CLK1: 1.5 V/1.8 V/2.5 V/3.0 V/3.3 V
4
PD#/OE
Input
Multifunction Programmable pin: Output Enable or Power Down
Modes
5
VSS
Power
GND
6SCL
Input
I2C-Bus Clock Line
7
SDA
Input/Output
I2C-Bus Data Line
8
VSS
Power
GND
9
CLK2
Output
Programmable Clock Output. Output voltage depends on
VDD_CLK2 voltage
10
VDD_CLK2
Power
Power Supply for CLK2: 1.5 V/1.8 V/2.5 V/3.0 V/3.3 V
11
VDD_CLK3
Power
Power Supply for output CLK3: 1.5 V/1.8 V/2.5 V/3.0 V/3.3 V
12
DNU
DNU
Do Not Use this pin
13
VSS
Power
GND
14
CLK3
Output
Programmable Clock Output. Output voltage depends on
VDD_CLK3 voltage
15
VDD
Power
Power Supply: 2.5 V/3.0 V/3.3 V
16
EXCLKIN
Input
2.5 V/3.0 V/3.3 V external Reference Clock
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com