Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M200 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # M200
Description  Two-PLL Programmable Clock Generator for Portable Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

M200 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button M200 Datasheet HTML 7Page - Cypress Semiconductor M200 Datasheet HTML 8Page - Cypress Semiconductor M200 Datasheet HTML 9Page - Cypress Semiconductor M200 Datasheet HTML 10Page - Cypress Semiconductor M200 Datasheet HTML 11Page - Cypress Semiconductor M200 Datasheet HTML 12Page - Cypress Semiconductor M200 Datasheet HTML 13Page - Cypress Semiconductor M200 Datasheet HTML 14Page - Cypress Semiconductor M200 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MoBL® Clock
M200/M500
Document Number: 001-29139 Rev. *C
Page 11 of 17
Notes
3. This parameter is configuration dependent. The specified value is for the drive level setting of [1,1].
4. Parameters are guaranteed by design and characterization. Not 100% tested in production. All parameters specified with fully loaded outputs.
AC Electrical Specifications
The AC Electrical Specifications table for M2xx/M5xx (VDD_CLKX = 1.5 V/1.8 V/2.5 V/3.0 V/3.3 V) family.
Parameter
Description
Conditions
Min
Typ
Max
Unit
FCLK
Clock Output Frequency
All clock outputs
3
–
50
MHz
FREF
Driven Reference Frequency
EXCLKIN Clock
1
–
48
MHz
DC
Output Clock Duty Cycle
Duty Cycle as defined in Figure 9 on
page 12
t1/t2, 50% of VDD_CLKX
45
50
55
%
TRF1[4]
Output Clock Rise/Fall Time
Measured from 20% to 80% of
VDD_CLKX, as shown in Figure 10 on
page 12, CLOAD = 15 pF, drive
strength [00]
–
6.8
10.0
ns
TRF2[4]
Output Clock Rise/Fall Time
Measured from 20% to 80% of
VDD_CLKX, as shown in Figure 10 on
page 12, CLOAD = 15 pF, drive
strength [01]
–3.4
5.0
ns
TRF3[4]
Output Clock Rise/Fall Time
Measured from 20% to 80% of
VDD_CLKX, as shown in Figure 10 on
page 12, CLOAD = 15 pF, drive
strength [10]
–2.0
3.0
ns
TRF4[4]
Output Clock Rise/Fall Time
Measured from 20% to 80% of
VDD_CLKX, as shown in Figure 10 on
page 12, CLOAD = 15 pF, drive
strength [11]
–1.0
1.5
ns
TCCJ[3, 4]
Cycle-to-cycle Jitter
EXCLKIN = CLKx = 48 MHz, CLOAD
= 15 pF, 2 PLLs and 1 output for each
PLL enabled, drive strength = [11]
–150
–
ps
TLOCK[4]
PLL Lock Time
–
1
3
ms
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com