Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M200 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # M200
Description  Two-PLL Programmable Clock Generator for Portable Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

M200 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button M200 Datasheet HTML 3Page - Cypress Semiconductor M200 Datasheet HTML 4Page - Cypress Semiconductor M200 Datasheet HTML 5Page - Cypress Semiconductor M200 Datasheet HTML 6Page - Cypress Semiconductor M200 Datasheet HTML 7Page - Cypress Semiconductor M200 Datasheet HTML 8Page - Cypress Semiconductor M200 Datasheet HTML 9Page - Cypress Semiconductor M200 Datasheet HTML 10Page - Cypress Semiconductor M200 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MoBL® Clock
M200/M500
Document Number: 001-29139 Rev. *C
Page 7 of 17
Figure 3. Data Transfer Sequence on the Serial Bus
Figure 4. Data Frame Architecture
Figure 5. Data Valid and Data Transition Periods
SCL
START
Condition
SDA
STOP
Data may
Address or
Acknowledge
Valid
be changed
Condition
SDA
Write
Start Signal
Device
Address
7-bit
R/W = 0
1 Bit
8-bit
Register
Address
Slave
1 Bit
ACK
Slave
1 Bit
ACK
8-bit
Register
Data
Stop Signal
Multiple
Contiguous
Registers
Slave
1 Bit
ACK
8-bit
Register
Data
(XXH)
(XXH)
(XXH+1)
Slave
1 Bit
ACK
8-bit
Register
Data
(XXH+2)
Slave
1 Bit
ACK
8-bit
Register
Data
(FFH)
Slave
1 Bit
ACK
8-bit
Register
Data
(00H)
Slave
1 Bit
ACK
Slave
1 Bit
ACK
SDA
Read
Start Signal
Device
Address
7-bit
R/W = 1
1 Bit
8-bit
Register
Data
Slave
1 Bit
ACK
Slave
1 Bit
ACK
Stop Signal
SDA
Read
Start Signal
Device
Address
7-bit
R/W = 0
1 Bit
8-bit
Register
Address
Slave
1 Bit
ACK
Slave
1 Bit
ACK
7-bit
Device
Stop Signal
Multiple
Contiguous
Registers
Master
1 Bit
ACK
8-bit
Register
Data
Master
1 Bit
ACK
(XXH)
(XXH)
Master
1 Bit
ACK
8-bit
Register
Data
(XXH+1)
Master
1 Bit
ACK
8-bit
Register
Data
(FFH)
Master
1 Bit
ACK
8-bit
Register
Data
(00H)
Master
1 Bit
ACK
Master
1 Bit
ACK
Current
Address
Read
Address
+R/W=1
Repeated
Start bit
SDA
SCL
Data Valid
Transition
to next Bit
CLKLOW
CLKHIGH
VIH
VIL
tSU
tDH
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com