Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M200 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # M200
Description  Two-PLL Programmable Clock Generator for Portable Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

M200 Datasheet(HTML) 1 Page - Cypress Semiconductor

  M200 Datasheet HTML 1Page - Cypress Semiconductor M200 Datasheet HTML 2Page - Cypress Semiconductor M200 Datasheet HTML 3Page - Cypress Semiconductor M200 Datasheet HTML 4Page - Cypress Semiconductor M200 Datasheet HTML 5Page - Cypress Semiconductor M200 Datasheet HTML 6Page - Cypress Semiconductor M200 Datasheet HTML 7Page - Cypress Semiconductor M200 Datasheet HTML 8Page - Cypress Semiconductor M200 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MoBL® Clock
M200/M500
Two-PLL Programmable Clock Generator
for Portable Applications
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 001-29139 Rev. *C
Revised November 25, 2010
Two-PLL Programmable Clock Generator for Portable Applications
Features
■ Device Operating Voltage Options:
❐ MoBL Clock M200 Family: 1.8 V
❐ MoBL Clock M500 Family: 2.5 V, 3.0 V, or 3.3 V
■ Selectable clock output voltages for both MoBL Clock M200
and M500:
❐ 1.5 V, 1.8 V, 2.5 V, 3.0 V, or 3.3 V
■ Fully integrated ultra low power phase-locked loops (PLLs)
■ Input reference clock frequency range: 1–48 MHz
■ Output clock frequency range: 3–50 MHz
■ Three I2C™ programmable output clocks
■ Programmable output drive strengths
■ 150 ps typical cycle-to-cycle jitter
■ Optional Spread Spectrum for EMI reduction
■ 16-pin (3 × 3 × 0.6 mm) QFN Package
■ Industrial temperature range
Benefits
■ Suitable for cell phone, portable, and consumer electronics
applications
■ Multiple high-performance PLLs allow synthesis of unrelated
frequencies
■ Application compatibility in multiple output voltage levels
■ Optional Spread Spectrum capable PLLs with Lexmark or
Linear profile for maximum EMI reduction
■ PLLs can be programmed for system frequency margin tests
■ Meets critical timing requirements in complex system
designs
■ Individually enable or disable each output using I2C
■ Ease of output clock selection using programmable crossbar
switches
Logic Block Diagram
PLL1
PLL2
(SS)
Output
Dividers
and
Drive
Strength
Control
Crossbar
Switch
PD#/OE
CLK1
CLK3
CLK2
VDD_CLK1
VDD_CLK3
VDD_CLK2
REF SEL
MUX
and
Control
Logic
I2C
EXCLKIN
SCL
SDA
[+] Feedback


Similar Part No. - M200

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M2000 MICROESYS-M2000 Datasheet
596Kb / 10P
Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
logo
ML Accessories Limited....
M2000 KNIGHTSBRIDGE-M2000 Datasheet
245Kb / 1P
Metal Clad 10AX 1G 2-way Switch
11/04/2024
logo
Littelfuse
M2000 LITTELFUSE-M2000 Datasheet
165Kb / 2P
terminations and adapt ers
May 2012
logo
Amphenol Corporation
M2000-109118 AMPHENOL-M2000-109118 Datasheet
1Mb / 32P
D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109119 AMPHENOL-M2000-109119 Datasheet
1Mb / 32P
D-Sub Connectors D- Sub-01 Rev. 10 / 10
More results

Similar Description - M200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9491 MAXIM-MAX9491 Datasheet
303Kb / 11P
Factory-Programmable, Single PLL Clock Generator
Rev 0; 1/06
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
Programmable 3-PLL Clock Generator IC
logo
Cypress Semiconductor
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
Two PLL Programmable Clock Generator with Spread Spectrum
CY22393 CYPRESS-CY22393_09 Datasheet
418Kb / 19P
Three-PLL Serial-Programmable Flash-Programmable Clock Generator
logo
ON Semiconductor
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
Cypress Semiconductor
CY22M1 CYPRESS-CY22M1 Datasheet
500Kb / 12P
Single Output, Low Power Programmable Clock Generator for Portable Applications
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
Two PLL Programmable Clock Generator with Spread Spectrum
logo
Silicon Laboratories
SI51210 SILABS-SI51210 Datasheet
150Kb / 12P
TWO OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
logo
Asahi Kasei Microsystem...
AK8152 AKM-AK8152 Datasheet
505Kb / 21P
Single PLL Two Output Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com