Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M200 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # M200
Description  Two-PLL Programmable Clock Generator for Portable Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

M200 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button M200 Datasheet HTML 9Page - Cypress Semiconductor M200 Datasheet HTML 10Page - Cypress Semiconductor M200 Datasheet HTML 11Page - Cypress Semiconductor M200 Datasheet HTML 12Page - Cypress Semiconductor M200 Datasheet HTML 13Page - Cypress Semiconductor M200 Datasheet HTML 14Page - Cypress Semiconductor M200 Datasheet HTML 15Page - Cypress Semiconductor M200 Datasheet HTML 16Page - Cypress Semiconductor M200 Datasheet HTML 17Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MoBL® Clock
M200/M500
Document Number: 001-29139 Rev. *C
Page 13 of 17
All product offerings are factory programmed customer specific devices with customized part numbers. The Possible Configurations
table shows the available device types, but not complete part numbers. Contact your local Cypress FAE of Sales Representative for
more information.
Possible Configurations
Note
5. xx indicates factory programmed parts based on customer specific configuration. For more details, contact your local Cypress FAE or Sales Representative
Ordering Information
Part Number [5]
Frequency Configuration
Other Programmable Features
Package
Production Flow
Pb-Free
M200LFXI
Factory Generic Configuration
With EXCLKIN = 19.2 MHz
CLK1 = 48.0 MHz
CLK2 = 27.0 MHz
VDD = 1.8 V
VDD_CLKx = 1.5 V/1.8 V/2.5 V/3.0 V/3.3 V
Power Down = Enabled
Keep Alive = Disabled
Spread Spectrum = Disabled
Output Drive Strength = [11]
16-pin QFN Industrial, –40 °C to 85 °C
M200LFXIT
Factory Generic Configuration
With EXCLKIN = 19.2 MHz
CLK1 = 48.0 MHz
CLK2 = 27.0 MHz
VDD = 1.8 V
VDD_CLKx = 1.5 V/1.8 V/2.5 V/3.0 V/3.3 V
Power Down = Enabled
Keep Alive = Disabled
Spread Spectrum = Disabled
Output Drive Strength = [11]
16-pin QFN-
Tape & Reel
Industrial, –40 °C to 85 °C
M500LFXI
Factory Generic Configuration
With EXCLKIN = 19.2 MHz
CLK1 = 48.0 MHz
CLK2 = 27.0 MHz
VDD = 2.5 V/3.0 V/3.3 V
VDD_CLKx = 1.5 V/1.8 V/2.5 V/3.0 V/3.3 V
Power Down = Enabled
Keep Alive = Disabled
Spread Spectrum = Disabled
Output Drive Strength = [11]
16-pin QFN Industrial, –40 °C to 85 °C
M500LFXIT
Factory Generic Configuration
With EXCLKIN = 19.2 MHz
CLK1 = 48.0 MHz
CLK2 = 27.0 MHz
VDD = 2.5 V/3.0 V/3.3 V
VDD_CLKx = 1.5 V/1.8 V/2.5 V/3.0 V/3.3 V
Power Down = Enabled
Keep Alive = Disabled
Spread Spectrum = Disabled
Output Drive Strength = [11]
16-pin QFN-
Tape & Reel
Industrial, –40 °C to 85 °C
Part Number [5]
Frequency Configuration
Other Programmable Features
Package
Production Flow
M2xxLFXI
Customer Specific Configuration VDD = 1.8 V
VDD_CLKx = 1.5 V/1.8 V/2.5 V/3.0 V/3.3 V
16-pin QFN Industrial, –40°C to 85°C
M2xxLFXIT
Customer Specific Configuration VDD = 1.8 V
VDD_CLKx = 1.5 V/1.8 V/2.5 V/3.0 V/3.3 V
16-pin QFN-
Tape & Reel
Industrial, –40°C to 85°C
M5xxLFXI
Customer Specific Configuration VDD = 2.5 V/3.0 V/3.3 V
VDD_CLKx = 1.5 V/1.8 V/2.5 V/3.0 V/3.3 V
16-pin QFN Industrial, –40°C to 85°C
M5xxLFXIT
Customer Specific Configuration VDD = 2.5 V/3.0 V/3.3 V
VDD_CLKx = 1.5 V/1.8 V/2.5 V/3.0 V/3.3 V
16-pin QFN-
Tape & Reel
Industrial, –40°C to 85°C
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com