Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M200 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # M200
Description  Two-PLL Programmable Clock Generator for Portable Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

M200 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button M200 Datasheet HTML 9Page - Cypress Semiconductor M200 Datasheet HTML 10Page - Cypress Semiconductor M200 Datasheet HTML 11Page - Cypress Semiconductor M200 Datasheet HTML 12Page - Cypress Semiconductor M200 Datasheet HTML 13Page - Cypress Semiconductor M200 Datasheet HTML 14Page - Cypress Semiconductor M200 Datasheet HTML 15Page - Cypress Semiconductor M200 Datasheet HTML 16Page - Cypress Semiconductor M200 Datasheet HTML 17Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
MoBL® Clock
M200/M500
Document Number: 001-29139 Rev. *C
Page 14 of 17
Ordering Code Definitions
Package Drawing and Dimensions
Figure 11. 16-Lead Chip On Lead 3 × 3 mm QFN Package
T = Tape and Reel; blank = Tube
Temperature Range: I = industrial
X = Pb-free package
Package: 16-pin QFN
Configuration: Factory Generic Configuration: MXXX = M200 / M500
XT
MXXX
I
LF
001-09116 *E
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com