Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-02-R Datasheet(PDF) 22 Page - NEC

Part # B-02-R
Description  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B-02-R Datasheet(HTML) 22 Page - NEC

Back Button B-02-R Datasheet HTML 18Page - NEC B-02-R Datasheet HTML 19Page - NEC B-02-R Datasheet HTML 20Page - NEC B-02-R Datasheet HTML 21Page - NEC B-02-R Datasheet HTML 22Page - NEC B-02-R Datasheet HTML 23Page - NEC B-02-R Datasheet HTML 24Page - NEC B-02-R Datasheet HTML 25Page - NEC B-02-R Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
22
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
Telephone set
Terminal
(facsimile, card reader, etc.)
Installed filter
ST-201
ST-201A
ST-202
ST-202A
ST-202S
SZ-03
ST-101
ST-101A
ST-101F2
ST-101F4
ST-110AH
ST-110AV
ST-110BH
ST-110BV
ST-104A4
ST-204A1
ST-204A3
ST-204A4
Rosette
Installed filter
Installation position
Telephone line
Line terminal unit
LFT
HFT
Installation Examples
Insertion in Driver/ Receive
circuit in telephone
Telephone
Drv.
Rec.
Installation at rosette or circuit input/output
ST, LFT, HFT
Circuit
L2
L1
Telephone
Design Examples
bST-110AV, ST-110BV
17 max.
ø0.6
8.0±0.5
11max.
7.0±0.5
7.0
7.0
bST-110AH, ST-110BH
17 max.
ø0.6
8.0±0.5
15.5 max.
7.0±0.5
Circuit diagram
Circuit diagram
Shape and Dimensions/Circuit Diagram
Noise Filters for Telephone Sets
ST-110AV, 110AH, 110BV, 110BH
[RoHS Compliant]
Noise Filters for Telephone Sets
ST-110AV, 110AH, 110BV, 110BH
[RoHS Compliant]
0.1
1
10
100
1000
110BH BV
110AH AV
Frequency (MHz)
0.01
0.1
1
10
500
Impedance vs. Frequency
ST-110AV
0.5 to 7
27 (at 0.5 MHz)
50
300
3
–20 to +75
AM band
ST-110AH
0.5 to 7
27 (at 0.5 MHz)
50
300
3
–20 to +75
AM band
ST-110BV
0.5 to 7
150 (Resonant)
50
150
7.5
–20 to +75
AM band
ST-110BH
0.5 to 7
150 (Resonant)
50
150
7.5
–20 to +75
AM band
Frequency range
Impedance
Rated voltage
Rated current
DC resistance
Operatings
Model
temperature range
Remarks
(MHz)
(k ) min.
DC (V)
(mA)
( /Line) max.
(˚C)
• Withstanding voltage: 500VDC (one minute, between lines)
• Insulation resistance: more than 10M
(250VDC,between lines)
[mm]
DIP Type
Common Mode for Telephone Sets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com