Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-02-R Datasheet(PDF) 36 Page - NEC

Part # B-02-R
Description  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B-02-R Datasheet(HTML) 36 Page - NEC

Back Button B-02-R Datasheet HTML 32Page - NEC B-02-R Datasheet HTML 33Page - NEC B-02-R Datasheet HTML 34Page - NEC B-02-R Datasheet HTML 35Page - NEC B-02-R Datasheet HTML 36Page - NEC B-02-R Datasheet HTML 37Page - NEC B-02-R Datasheet HTML 38Page - NEC B-02-R Datasheet HTML 39Page - NEC B-02-R Datasheet HTML 40Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
36
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
SMD Type
Common Mode Power Line
Shape and Dimensions
bDCM5 Series
●Inductance measurement condition : f = 10KHZ 0.1V ※●Insulation resistance : more than 100MΩ(250V DC, 1min, between lines) ●Operating temperature range(℃) : -20 to 110 (includes the selftemp.rise.)
Look : By number-of-turns adjustment, to products other than the above-mentioned characteristic is also possible, please consult.
●Common mode winding with section bobbin. ※●Withstanding voltase : 250V DC for one minute between lines.
Rated voltage
(V)
Rated current
(A)
L(μH)
min
Rdc(mΩ)
max
50
50
50
50
DCM5-01
DCM5-02
DCM5-03
DCM5-04
0.2
0.5
1.0
2.0
3180
510
180
30
2540
520
210
30
Type
EE5
EE5
EE5
EE5
[mm]
7.3 max.
654
123
0.5
Recommended Land Pattern
DCM Series
DCM Series
bDCM5 Series
bDCM5 Series
Model
[RoHS Compliant]
[RoHS Compliant]
1.3
1.85 1.85
(Top view)
3
4
1
6
[mm]
Circuit Diagram
• Tape and Reel Dimensions (see page 46)
• Precautions (see page 43)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com