Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-02-R Datasheet(PDF) 40 Page - NEC

Part # B-02-R
Description  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B-02-R Datasheet(HTML) 40 Page - NEC

Back Button B-02-R Datasheet HTML 36Page - NEC B-02-R Datasheet HTML 37Page - NEC B-02-R Datasheet HTML 38Page - NEC B-02-R Datasheet HTML 39Page - NEC B-02-R Datasheet HTML 40Page - NEC B-02-R Datasheet HTML 41Page - NEC B-02-R Datasheet HTML 42Page - NEC B-02-R Datasheet HTML 43Page - NEC B-02-R Datasheet HTML 44Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
40
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
SMD Type
230
210
150
80 to 120 sec.
25 sec. max.
TEMP. (˚C)
Precautions
Shelf Life
Use within 6 months. If the product is used after a
storage period of 6 months or longer, confirm its
solderability before use.
Recommended Soldering Conditions
• Soldering irons:
Tip temperature: 350±5˚C
Duration of heat: approx. 4 seconds
• Flow soldering: not suitable
• Reflow soldering: Refer to the following
temperature profile.
• Standard thickness of cream Solder = 150μm ~
200μm.
Recommended reflow profile shown below are data
obtained from reflow equipment used at NEC TOKIN.
The Solderbility may differ greatly depending on
reflow equipment type, reflow condition, land
pattern area and the amount of cream Solder.
Please check the Solderbility thoroughly before
actual reflow operation.
250
}3
230
150
‘180
90
}30
30 Max.
TIME(sec)
TEMP. (˚C)
Reflow Profile 1 (for SBP-5001T)
Reflow Profile 2 (for lead-free type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com