Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-02-R Datasheet(PDF) 26 Page - NEC

Part # B-02-R
Description  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B-02-R Datasheet(HTML) 26 Page - NEC

Back Button B-02-R Datasheet HTML 22Page - NEC B-02-R Datasheet HTML 23Page - NEC B-02-R Datasheet HTML 24Page - NEC B-02-R Datasheet HTML 25Page - NEC B-02-R Datasheet HTML 26Page - NEC B-02-R Datasheet HTML 27Page - NEC B-02-R Datasheet HTML 28Page - NEC B-02-R Datasheet HTML 29Page - NEC B-02-R Datasheet HTML 30Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
26
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
SNT Series
[RoHS Compliant]
SNT Series
[RoHS Compliant]
10
50
100
500
1K
5K
10K
S30
S20
S10
10
50
100
500
1K
5K
10K
D10
D20
D30
1
5
10
50
100
500
Frequency (MHz)
1
5
10
50
100
500
Frequency (MHz)
Impedance vs. Frequency
• Tape and Reel Dimensions (see page 39)
SNT-S10
„
3.0
1.5
25
–20 to +60
SNT-S20
„
1.5
6
35
–20 to +60
SNT-S30
„
0.5
13
95
–20 to +60
Bulk (100 pcs.)
SNT-D10
„
3.0
2.5
25
–20 to +60
SNT-D20
„
1.5
10
45
–20 to +60
SNT-D30
„
0.5
20
98
–20 to +60
Model
Rated current*
Inductance
DC resistance
Operating
temperature range
Packaging
(A)
(µH) min.(m ) max.
(˚C)
*The rated current is for the wire and it is different from the inductance guaranteeing values.
•
Taping (1000 pcs./ reel)
•
Flat taping (SNT-S type: 1000 pcs./ reel), (SNT-D type: 500 pcs./ reel)
TF
T
9.5 max.
(ø0.5)
5.0±0.2
5.0 max. (S type)
6.0 max. (D type)
bFor noise suppression in the secondary
low-voltage power supply circuit
DC power supply circuits
Vcc
GND
Design Example
Shape and Dimensions
[mm]
DIP Type
Normal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com