Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-02-R Datasheet(PDF) 10 Page - NEC

Part # B-02-R
Description  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B-02-R Datasheet(HTML) 10 Page - NEC

Back Button B-02-R Datasheet HTML 6Page - NEC B-02-R Datasheet HTML 7Page - NEC B-02-R Datasheet HTML 8Page - NEC B-02-R Datasheet HTML 9Page - NEC B-02-R Datasheet HTML 10Page - NEC B-02-R Datasheet HTML 11Page - NEC B-02-R Datasheet HTML 12Page - NEC B-02-R Datasheet HTML 13Page - NEC B-02-R Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
DIP Type
Common Mode Power Line
10
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
SHO-101
50
4.0
2.0
15.5
–25 to +70
11Max.
7.5Max.
10±3
SHO-102
50
4.0
0.6
10.0
–25 to +70
11Max.
7.5Max.
10±3
SHO-301
50
4.0
12.0
15.5
–25 to +70
11Max.
7.5Max.
10±3
SHO-302
50
4.0
3.9
10.0
–25 to +70
11Max.
7.5Max.
10±3
SHO-303
50
5.0
6.0
8.0
–25 to +75
11Max.
8Max.
10±3
SHO-402
50
0.8
99.0
120.0
–25 to +80
7.5Max.
5Max.
4±2
SHO-501
50
0.8
17.5
105.0
–25 to +80
6.2Max.
3.4Max.
4±2
Rated voltage
Rated current
Inductance
DC resistance
Operating
Dimensions(mm)
Model
temperature range
DC (V)
(A)
(µH) min.(m /line) max.
(˚C)
DT
R
SHO Series
[RoHS Compliant]
SHO Series
[RoHS Compliant]
10000
1000
100
10
1
102
101
302
1
10
100
1000
Frequency (MHz)
301
402
501
303
Impedance vs. Frequency
12 3
4
Soldered
D
T
Shape and Dimensions
1
2
4
3
Circuit Diagram
[mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com