Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-02-R Datasheet(PDF) 32 Page - NEC

Part # B-02-R
Description  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B-02-R Datasheet(HTML) 32 Page - NEC

Back Button B-02-R Datasheet HTML 28Page - NEC B-02-R Datasheet HTML 29Page - NEC B-02-R Datasheet HTML 30Page - NEC B-02-R Datasheet HTML 31Page - NEC B-02-R Datasheet HTML 32Page - NEC B-02-R Datasheet HTML 33Page - NEC B-02-R Datasheet HTML 34Page - NEC B-02-R Datasheet HTML 35Page - NEC B-02-R Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
32
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
DIP Type
EMC Filter
bDFD-104P
11 max.
43
12
104P
(ø0.5)
8.5 max.
5.08±0.3
14
2
3
bDFD-104S
16 max.
104S
(ø0.5)
8.5 max.
5.08±0.3
1
2
43
12
4
3
Circuit diagram
Circuit diagram
Shape and Dimensions/Circuit Diagram
DFD Series
[RoHS Compliant]
DFD-104P
50
2.0
100
–25 to +85
DFD-104S
50
2.0
100
–25 to +85
Rated voltage
Rated current
DC resistance
Operating
Model
temperature range
DC (V)
DC (A)
(m ) max.
(˚C)
DFD Series
[RoHS Compliant]
• Withstanding voltage: 125VDC, 5 sec. between terminal 1 and 2
• Insulation resistance: more than 500M
(100VDC, one minute)
10
20
30
40
50
60
70
80
0
10
100
104S
104P
Frequency (MHz)
(Output Impedance and Input Impedance: 50 )
Attenuation Characteristics
[mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com