Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294IPFPR
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS5294IPFPR Datasheet HTML 22Page - Texas Instruments ADS5294IPFPR Datasheet HTML 23Page - Texas Instruments ADS5294IPFPR Datasheet HTML 24Page - Texas Instruments ADS5294IPFPR Datasheet HTML 25Page - Texas Instruments ADS5294IPFPR Datasheet HTML 26Page - Texas Instruments ADS5294IPFPR Datasheet HTML 27Page - Texas Instruments ADS5294IPFPR Datasheet HTML 28Page - Texas Instruments ADS5294IPFPR Datasheet HTML 29Page - Texas Instruments ADS5294IPFPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
A7
A6
A5
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
REGISTER ADDRESS
REGISTER DATA
SDATA
SCLK
CSZ
t
SLOADS
t
SLOADH
t
SCLK
t
DSU
t
DH
RESET
D7
D6
D5
D4
D3
D2
D1
D0
ADS5294
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
SERIAL INTERFACE
ADS5294 has a set of internal registers that can be accessed by the serial interface formed by pins CSZ (Serial
interface Enable – Active Low), SCLK (Serial Interface Clock) and SDATA (Serial Interface Data).
When CSZ is low,
•
Serial shift of bits into the device is enabled.
•
Serial data (SDATA) is latched at every rising edge of SCLK.
•
SDATA is loaded into the register at every 24th SCLK rising edge
If the word length exceeds a multiple of 24 bits, the excess bits are ignored. Data can be loaded in multiples of
24-bit words within a single active CSZ pulse. The first eight bits form the register address and the remaining 16
bits the register data. The interface can work with SCLK frequencies from 15 MHz down to very low speeds (few
Hertz) and also with non-50% SCLK duty cycle.
Register Initialization
After power-up, the internal registers must be initialized to the respective default values. Initialization can be done
in one of two ways:
1. Through a hardware reset, by applying a high pulse on the RESET pin; or
2. Through a software reset; using the serial interface, set the RST bit high. Setting this bit initializes the
internal registers to the respective default values and then self-resets the bit low. In this case, the RESET pin
stays low (inactive).
Figure 44. Serial Interface Timing
SERIAL INTERFACE TIMING CHARACTERISTICS
Typical values at 25°C, MIN and MAX values across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 1.8 V,
LVDD = 1.8 V, unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNIT
fSCLK
SCLK frequency (= 1/ tSCLK)
> DC
15
MHz
tSLOADS
CS to SCLK setup time
33
ns
tSLOADH
SCLK to CS hold time
33
ns
tDS
SDATA setup time
33
ns
tDH
SDATA hold time
33
ns
26
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com