Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294IPFPR
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 4 Page - Texas Instruments

  ADS5294IPFPR Datasheet HTML 1Page - Texas Instruments ADS5294IPFPR Datasheet HTML 2Page - Texas Instruments ADS5294IPFPR Datasheet HTML 3Page - Texas Instruments ADS5294IPFPR Datasheet HTML 4Page - Texas Instruments ADS5294IPFPR Datasheet HTML 5Page - Texas Instruments ADS5294IPFPR Datasheet HTML 6Page - Texas Instruments ADS5294IPFPR Datasheet HTML 7Page - Texas Instruments ADS5294IPFPR Datasheet HTML 8Page - Texas Instruments ADS5294IPFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
ADS5294
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
PIN FUNCTIONS (continued)
PIN
NUMBER
DESCRIPTION
OF PINS
NAME
NUMBER
2
IN4P, IN4N
7, 8
Differential input signal, Channel 4
2
IN5P, IN5N
53, 54
Differential input signal, Channel 5
2
IN6P, IN6N
56, 57
Differential input signal, Channel 6
2
IN7P, IN7N
59, 60
Differential input signal, Channel 7
2
IN8P, IN8N
62, 63
Differential input signal, Channel 8
2
LCLKP, LCLKN
31, 32
Differential LVDS bit clock (7X)
2
ACLKP, ACLKN
29, 30
Differential LVDS frame clock (1X)
2
OUT1A_P, OUT1A_N
13, 14
Differential LVDS data output, wire 1, channel 1
2
OUT1B_P, OUT1B_N
15, 16
Differential LVDS data output, wire 2, channel 1
2
OUT2A_P, OUT2A_N
17, 18
Differential LVDS data output, wire 1, channel 2
2
OUT2B_P, OUT2B_N
19, 20
Differential LVDS data output, wire 2, channel 2
2
OUT3A_P, OUT3A_N
21, 22
Differential LVDS data output, wire 1, channel 3
2
OUT3B_P, OUT3B_N
23, 24
Differential LVDS data output, wire 2, channel 3
2
OUT4A_P, OUT4A_N
25, 26
Differential LVDS data output, wire 1, channel 4
2
OUT4B_P, OUT4B_N
27, 28
Differential LVDS data output, wire 2, channel 4
2
OUT5A_P, OUT5A_N
35, 36
Differential LVDS data output, wire 1, channel 5
2
OUT5B_P, OUT5B_N
33, 34
Differential LVDS data output, wire 2, channel 5
2
OUT6A_P, OUT6A_N
39, 40
Differential LVDS data output, wire 1, channel 6
2
OUT6B_P, OUT6B_N
37, 38
Differential LVDS data output, wire 2, channel 6
2
OUT7A_P, OUT7A_N
43, 44
Differential LVDS data output, wire 1, channel 7
2
OUT7B_P, OUT7B_N
41, 42
Differential LVDS data output, wire 2, channel 7
2
OUT8A_P, OUT8A_N
47, 48
Differential LVDS data output, wire 1, channel 8
2
OUT8B_P, OUT8B_N
45, 46
Differential LVDS data output, wire 2, channel 8
1
PD
10
Power down control input. Active High. The pin has an internal 220-k
Ω pulldown resistor.
1
REFB
69
Negative reference input/ output
1
REFT
70
Positive reference input/ output
1
RESET
51
Active HIGH RESET input. The pin has an internal 220-k
Ω pulldown resistor.
1
SCLK
77
Serial clock input. The pin has an internal 220-k
Ω pulldown resistor.
1
SDATA
76
Serial data input. The pin has an internal 220-k
Ω pulldown resistor.
1
SDOUT
64
Serial data readout. This pin is in the high-impedance state after reset. When the <READOUT> bit
is set, the SDOUT pin becomes active. This is a CMOS digital output running from the AVDD
supply.
1
CSZ
75
Serial enable chip select – active low digital input
1
SYNC
65
Input signal to synchronize channels and chips when used with reduced output data rates. If it is
not used, add a
≤ 10 KΩ pull-down resistor.
2
LVDD
11, 49
Digital and I/O power supply, 1.8V
2
LGND
12, 50
Digital ground
1
NC
67
No Connection. Must leave floated
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com