Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294IPFPR
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button ADS5294IPFPR Datasheet HTML 36Page - Texas Instruments ADS5294IPFPR Datasheet HTML 37Page - Texas Instruments ADS5294IPFPR Datasheet HTML 38Page - Texas Instruments ADS5294IPFPR Datasheet HTML 39Page - Texas Instruments ADS5294IPFPR Datasheet HTML 40Page - Texas Instruments ADS5294IPFPR Datasheet HTML 41Page - Texas Instruments ADS5294IPFPR Datasheet HTML 42Page - Texas Instruments ADS5294IPFPR Datasheet HTML 43Page - Texas Instruments ADS5294IPFPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
ADS5294
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
CHANNEL AVERAGING
ADDR.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
(HEX)
29
X
EN_CHANNEL_AVG
2C
X
X
AVG_CTRL4<1:0>
X
X
AVG_CTRL3<1:0>
X
X
AVG_CTRL2<1:0>
X
X
AVG_CTRL1<1:0>
2D
X
X
AVG_CTRL8<1:0>
X
X
AVG_CTRL7<1:0>
X
X
AVG_CTRL6<1:0>
X
X
AVG_CTRL5<1:0>
In the default mode of operation, the LVDS outputs <8..1> contain the data of the ADC Channels <8..1>. By
setting the EN_CHANNEL_AVG bit to ‘1’, the outputs from multiple channels can be averaged. The resulting
outputs from the Channel averaging block (which is bypassed in the default mode) are referred to as Bins. The
contents of the Bins <8..1> come out on the LVDS outputs <8..1>. The contents of each of the 8 bins are
determined by the register bits marked AVG_CTRLn<1:0> where n stands for the Bin number. The different
settings are shown below:
AVG_CTRL1<1>
AVG_CTRL1<0>
Contents of Bin 1
0
0
Zero
0
1
ADC Channel 1
1
0
Average of ADC Channel 1, 2
1
1
Average of ADC Channel 1, 2, 3, 4
AVG_CTRL2<1>
AVG_CTRL2<0>
Contents of Bin 2
0
0
Zero
0
1
ADC Channel 2
1
0
ADC Channel 3
1
1
Average of ADC Channel 3, 4
AVG_CTRL3<1>
AVG_CTRL3<0>
Contents of Bin 3
0
0
Zero
0
1
ADC Channel 3
1
0
ADC Channel 2
1
1
Average of ADC Channel 1, 2
AVG_CTRL4<1>
AVG_CTRL4<0>
Contents of Bin 4
0
0
Zero
0
1
ADC Channel 4
1
0
Average of ADC Channel 3, 4
1
1
Average of ADC Channel 1, 2, 3, 4
AVG_CTRL5<1>
AVG_CTRL5<0>
Contents of Bin 5
0
0
Zero
0
1
ADC Channel 5
1
0
Average of ADC Channel 5, 6
1
1
Average of ADC Channel 5, 6, 7, 8
AVG_CTRL6<1>
AVG_CTRL6<0>
Contents of Bin 6
0
0
Zero
0
1
ADC Channel 6
1
0
ADC Channel 7
1
1
Average of ADC Channel 7, 8
AVG_CTRL7<1>
AVG_CTRL7<0>
Contents of Bin 7
0
0
Zero
40
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com